Electronic Components Datasheet Search
  English  ▼

X  

CT2555 Datasheet(PDF) 16 Page - Aeroflex Circuit Technology

Part # CT2555
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2555 Datasheet(HTML) 16 Page - Aeroflex Circuit Technology

Back Button CT2555 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 18Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 19Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 20Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Aeroflex Circuit Technology
16
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
RTU OPERATION
The RTU mode is selected by resetting the
CT2553 and setting the appropriate bits in the
Configuration Register.
RTU MEMORY CONFIGURATION. The user
configures the memory by:
1. Writing the start address of the Descriptor
Stack into the Stack Pointer location and
2. Setting up the Look-Up Table as described
below.
If both map areas (A and B) are utilized, this
procedure must be performed for each area. Note
that the Stack Pointer and Look-Up Table
locations are fixed; Data Block(s) locations are
user-defined. Message blocks may be loaded
anywhere in the non-fixed areas of the shared
RAM. However, each data block may not cross a
256 word boundary (i.e., bit 8 of the starting
address of the message block must match bit 8 of
the address of the last word of the message
block). An example of a typical RTU Memory Map
is given in Table 4. Figure 19 shows the RTU
Initialization steps.
RTU LOOK-UP TABLE. The RTU mode uses a
Look-Up Table in order to map the Data Blocks
based upon incoming 1553 Command Words.
The CT2553 uses the T/R and Subaddress fields
to address the Look-Up Table. Each Look-Up
Table (A and B) location contains a user-defined
Data Block Pointer to an associated Data Block
(See Figures 20 and 21).
Note: The Data Block and Stack Pointers are
maintained
internally
using
an
8-BIT-REGISTER for the HIGH BYTE and an
8-BIT COUNTER for the LOW BYTE; the high
byte remains constant (user value) while the low
byte will wrap around from FF(H) to 00(H). For
example: a current Pointer value of 10 FF(H)
will increment to 10 00(H) and not 11 00(H).
The first 32 words of the Look-Up Table are
reserved for Data Blocks associated with Receive
Commands (T/R bit = 0). The remaining 32 words
are reserved for Data Blocks associated with
Transmit Commands (T/R bit = 1).
Mode Commands with data are mapped in the
same
manner
as
non-mode
commands.
A
Synchronize With Data command maps to the
first or thirty-second Table entry (depending upon
subaddress: all 0's or all 1's), while a Transmit
Vector Word command points to the thirty-third or
sixty-fourth entry.
Table 4 – Typical RTU Memory Map
HEX ADDRESS
FUNCTION
Fixed Areas
0100
Descriptor Stack Pointer A
0101
Reserved
0104
Descriptor Stack Pointer B
0105
Reserved
0108-013F
Spare
0140-017F
Look-Up Table A
01C0-01FF
Look-Up Table B
User Defined Areas
0180-019F
Data Block 1
01A0-01BF
Data Block 2
0200-021F
Data Block 3
•
•
•
•
0EE0-0EFF
Data Block 107
0000-00FF
Descriptor Stack A
0F00-0FFF
Descriptor Stack B
START
ISSUE RESET COMMAND
INITIALIZE STACK POINTER
SET UP DATA BLOCKS
WAIT FOR 1553 COMMAND
SET UP LOOK-UP TABLE(S)
DATA BLOCK ASSIGNMENTS
Figure 19 – RTU Initialization
INITIALIZE INTERRUPT
MASK REGISTER
SET CONFIGURATION
REGISTER TO RTU MODE
START REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com