Electronic Components Datasheet Search
  English  ▼

X  

CT2555 Datasheet(PDF) 27 Page - Aeroflex Circuit Technology

Part # CT2555
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2555 Datasheet(HTML) 27 Page - Aeroflex Circuit Technology

Back Button CT2555 Datasheet HTML 23Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 24Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 25Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 26Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 27Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 28Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 29Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 30Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 31Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Aeroflex Circuit Technology
27
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
MEMOE
MEM/REG
A15-A00
IOEN
SELECT
STRBD
(Internal)
16MHz Clock
RD/WR
READYD
See Note 1
td1
tpw1
D15-D00
td2
RAM ADDRESS VALID
td4
RAM DATA VALID
MEMCS
Figure 30 – CPU Reads from RAM Timing
CPU Reads from RAM
SYMBOL
DESCRIPTION
MIN
MAX
UNITS
td1
READYD low delay (CPU Handshake)
-
150
ns
td2
IOEN high delay (CPU Handshake)
-
20
ns
tpw1
READYD pulse width (CPU Handshake)
50
-
ns
td4
CPU MEMOE low delay
-
100
ns
tr
READYD to STRBD release
-
1.37
µs
tz
(SELECT • STRBD) to IOEN
-
1.8
µs
NOTE:
1. STRBD to IOEN (low) delay is two clock cycles. If contention occurs, delay is two clock cycles following release of bus.
2. CPU must release STRBD within 1.5µs of IOEN going active. READYD will go away within one clock cycle maximum.
See Note 2
tz
tr
(Internal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com