Electronic Components Datasheet Search
  English  ▼

X  

CT2555 Datasheet(PDF) 34 Page - Aeroflex Circuit Technology

Part # CT2555
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2555 Datasheet(HTML) 34 Page - Aeroflex Circuit Technology

Back Button CT2555 Datasheet HTML 28Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 29Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 30Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 31Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 32Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 33Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 34Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 35Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 36Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Aeroflex Circuit Technology
34
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
D00
D01
D02
D03
D04
D05
D06
D07
D08
D09
D10
D11
D12
D13
D14
D15
RTAD1
RTAD3
RTAD0
RTAD2
RTAD4
RTADP
ILLCMD
SA/MC-2
SA/MC-0
SA/MC-4
LOGIC +5V
SA/MC-3
SA/MC-1
THIS-RT
BCSTRCV
RTPARERR
LMC
T/R
-15VB
+5VB
GNDB
TX/RX-B
TX/RX-B
LOGIC GND
A00
A01
A02
A03
A04
A05
A06
A07
A08
A09
A10
A11
A12
A13
A14
A15
MEMWR
MEMOE
MEMENA-IN
MEMENA-OUT
INCMD
CLOCK IN
MSTRCLR
MEM/REG
INT
STRBD
IOEN
EXTEN
SELECT
RD/WR
READYD
EXTLD
TAGEN
GNDA
+5VA
-15VA
TX/RX-A
TX/RX-A
Table 8 – CT2566 Pin Out Description
(FP)
Pin
#
Function
Pin
#
Function
1
N/C
42
N/C
2
D00
43
TX/RX-A
3
D01
44
TX/RX-A
4
D02
45
-15VA
5
D03
46
+5VA
6
D04
47
GNDA
7
D05
48
TAGEN
8
D06
49
EXTLD
9
D07
50
READYD
10
D08
51
RD/WR
11
D09
52
SELECT
12
D10
53
EXTEN
13
D11
54
IOEN
14
D12
55
STRBD
15
D13
56
INT
16
D14
57
MEM/REG
17
D15
58
MSTRCLR
18
RTAD1
59
CLOCK IN
19
RTAD3
60
INCMD
20
RTAD0
61
MEMENA-OUT
21
RTAD2
62
MEMENA-IN
22
RTAD4
63
MEMOE
23
RTADP
64
MEMWR
24
ILLCMD
65
A15
25
SA/MC-2
66
A14
26
SA/MC-0
67
A13
27
SA/MC-4
68
A12
28
LOGIC +5V
69
A11
29
SA/MC-3
70
A10
30
SA/MC-1
71
A09
31
THIS-RT
72
A08
32
BCSTRCV
73
A07
33
RTPARERR
74
A06
34
LMC
75
A05
35
T/R
76
A04
36
-15VB
77
A03
37
+5VB
78
A02
38
GNDB
79
A01
39
TX/RX-B
80
A00
40
TX/RX-B
81
LOGIC GND
41
N/C
82
N/C
Flat Package Pin Connection Diagram, CT2553 and Pinout
1
2
N/C
N/C
N/C
N/C
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
82
81
CT2553FP
MIL-STD-1553
BUS Controller,
Remote Terminal and
BUS Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com