Electronic Components Datasheet Search
  English  ▼

X  

T7630 Datasheet(PDF) 13 Page - Agere Systems

Part # T7630
Description  T7630 Dual T1/E1 5.0 V Short-Haul Terminator (Terminator-II)
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T7630 Datasheet(HTML) 13 Page - Agere Systems

Back Button T7630 Datasheet HTML 9Page - Agere Systems T7630 Datasheet HTML 10Page - Agere Systems T7630 Datasheet HTML 11Page - Agere Systems T7630 Datasheet HTML 12Page - Agere Systems T7630 Datasheet HTML 13Page - Agere Systems T7630 Datasheet HTML 14Page - Agere Systems T7630 Datasheet HTML 15Page - Agere Systems T7630 Datasheet HTML 16Page - Agere Systems T7630 Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 210 page
background image
Lucent Technologies Inc.
13
Preliminary Data Sheet
October 2000
T7630 Dual T1/E1 5.0 V Short-Haul Terminator (Terminator-II)
Lucent Technologies Inc.
Feature Descriptions (continued)
s
Signaling:
— DS1: extended superframe 2-state, 4-state, and
16-state per-channel robbed bit.
— DS1: D4 superframe 2-state and 4-state per-
channel robbed bit.
— DS1:
SLC-96 superframe 2-state, 4-state, 9-state,
and 16-state per-channel robbed bit.
— DS1: channel-24 message-oriented signaling.
— ITU CEPT: channel associated signaling (CAS).
— Transparent (all data channels).
s
Alarm reporting, performance monitoring, and main-
tenance:
—
ANSI T1.403-1995, AT&T TR 54016, and ITU
G.826 standard error checking.
— Error and status counters.
— Bipolar violations.
— Errored frame alignment signals.
— Errored CRC checksum block.
— CEPT: received E bit = 0.
— Errored, severely errored, and unavailable sec-
onds.
— Selectable errored event monitoring for errored
and severely errored seconds processing with
programmable thresholds for errored and severely
errored second monitoring.
— CEPT: Selectable automatic transmission of E bit
to the line.
— CEPT: Sa6 coded remote end CRC-4 error E bit =
0 events.
— Programmable automatic and on-demand alarm
transmission.
1. Automatic transmission of remote frame alarm
to the line while in loss of frame alignment
state.
2. Automatic transmission of alarm indication sig-
nal (AIS) to the system while in loss of frame
alignment state.
— Multiple loopback modes.
— Optional automatic line and payload loopback
activate and deactivate modes.
— CEPT nailed-up connect loopback and CEPT
nailed-up broadcast transmission TS-X in TS-0
transmit mode.
— Selectable test patterns for line transmission.
— Detection of framed and unframed pseudorandom
and quasi-random test patterns.
— Programmable squelch and idle codes.
s
System interface:
— Autonomous transmit and receive system inter-
faces.
— Independent transmit and receive frame synchro-
nization input signals.
— Independent transmit and receive system inter-
face clock.
— 2.048 Mbits/s, 2.048 MHz concentration highway
interface (CHI) default mode.
— Optional 4.096 Mbits/s and 8.192 Mbits/s data
rates.
— Optional 4.096 MHz, 8.192 MHz, and 16.384 MHz
frequency system clock.
— Programmable clock edge for latching frame syn-
chronization signals.
— Programmable clock edge for latching transmit
and receive data.
— Programmable bit and byte offset.
— Programmable CHI master mode for the genera-
tion of the transmit CHI FS from internal logic with
timing derived from the receive line clock signal.
s
Digital phase comparator for clock generation in the
receive and transmit paths.
Facility Data Link Features
s
HDLC or transparent mode.
s
Automatic transmission of the ESF performance
report messages (PRM).
s
Detection of the ESF PRM.
s
Detection of the
ANSI ESF FDL bit-oriented codes.
s
64-byte FIFO in both transmit and receive directions.
s
Programmable FIFO full- and empty-level interrupt.
s
SLC-96: FDL transmit and receive register access of
D bits.
User-Programmable Microprocessor Inter-
face
s
33 MHz read and write access with no wait-states.
s
12-bit address, 8-bit data interface.
s
Programmable
Intel or Motorola interface modes.
s
Demultiplexed or multiplexed address and data bus.
s
Directly addressable internal registers.
s
No clock required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com