Electronic Components Datasheet Search
  English  ▼

X  

T7630 Datasheet(PDF) 36 Page - Agere Systems

Part # T7630
Description  T7630 Dual T1/E1 5.0 V Short-Haul Terminator (Terminator-II)
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T7630 Datasheet(HTML) 36 Page - Agere Systems

Back Button T7630 Datasheet HTML 32Page - Agere Systems T7630 Datasheet HTML 33Page - Agere Systems T7630 Datasheet HTML 34Page - Agere Systems T7630 Datasheet HTML 35Page - Agere Systems T7630 Datasheet HTML 36Page - Agere Systems T7630 Datasheet HTML 37Page - Agere Systems T7630 Datasheet HTML 38Page - Agere Systems T7630 Datasheet HTML 39Page - Agere Systems T7630 Datasheet HTML 40Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 210 page
background image
Preliminary Data Sheet
T7630 Dual T1/E1 5.0 V Short-Haul Terminator (Terminator II)
October 2000
36
Lucent Technologies Inc.
Lucent Technologies Inc.
Line Interface Unit: Transmit (continued)
CEPT Transmitter Pulse Template and Specifications
CEPT pulse shape template is specified at the system output (defined by ITU-T G.703) and is illustrated in
Figure 11.
5-3145(F)
Figure 11. ITU-T G.703 Pulse Template
269 ns
(244 + 25)
219 ns
(244 – 25)
244 ns
194 ns
(244 – 50)
20%
488 ns
(244 + 244)
20%
20%
10%
10%
10%
10%
0%
50%
10%
V = 100%
10%
NOMINAL PULSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com