Electronic Components Datasheet Search
  English  ▼

X  

T7630 Datasheet(PDF) 21 Page - Agere Systems

Part # T7630
Description  T7630 Dual T1/E1 5.0 V Short-Haul Terminator (Terminator-II)
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T7630 Datasheet(HTML) 21 Page - Agere Systems

Back Button T7630 Datasheet HTML 17Page - Agere Systems T7630 Datasheet HTML 18Page - Agere Systems T7630 Datasheet HTML 19Page - Agere Systems T7630 Datasheet HTML 20Page - Agere Systems T7630 Datasheet HTML 21Page - Agere Systems T7630 Datasheet HTML 22Page - Agere Systems T7630 Datasheet HTML 23Page - Agere Systems T7630 Datasheet HTML 24Page - Agere Systems T7630 Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 210 page
background image
Lucent Technologies Inc.
21
Preliminary Data Sheet
October 2000
T7630 Dual T1/E1 5.0 V Short-Haul Terminator (Terminator-II)
Lucent Technologies Inc.
Pin Information (continued)
Table 1. Pin Descriptions-Channel 1 and Channel 2 (continued)
* Iu indicates an internal pull-up.
† After RESET is deasserted, the channel is in the default framing mode, as a function of the DS1/CEPT pin.
‡ Asserting this pin low will initially force RDY to a low state.
Pin
Symbol
Type*
Description
CH1 CH2
137
45
TND
O
Transmit Line Interface Negative-Rail Data. This signal is the transmit
framer negative NRZ output data. Data changes on the rising edge of TLCK.
In the single-rail mode, TND = 0.
136
46
TLCK
O
Transmit Framer Line Interface Clock. Optional 1.544 MHz DS1 or
2.048 MHz output signal from the transmit framer. TND and TPD data
changes on the rising edge of TLCK.
135
47
RLCK
I
Receive Framer Line Interface Clock. Valid when the FRAMER pin is
strapped to 0 V. This is the 1.544 MHz DS1 or 2.048 MHz input clock signal
used by the receive framer to latch RPD and RND data.
134
49
RFRMCK
O
Receive Framer Clock. Output receive framer clock signal used to clock out
the receive framer output signals. In normal operation, this is the recovered
receive line clock signal.
133
48
CKSEL
Iu
LIU System Clock Mode. This pin selects either a 16x rate clock for SYSCK
(CKSEL = 1) or a primary line rate clock for SYSCK (CKSEL = 0).
132
50
RFRMDATA
O
Receive Framer Data. This signal is the decoded data input to the receive
elastic store. During loss of frame alignment, this signal is forced to 1.
131
51
RFS
O
Receive Frame Sync. This active-high signal is the 8 kHz frame synchroni-
zation pulse generated by the receive framer.
130
52
RSSFS
O
Receive Framer Signaling Superframe Sync. This active-high signal is the
CEPT signaling superframe (multiframe) synchronization pulse in the receive
framer.
129
53
RCRCMFS
O
Receive Framer CRC-4 Multiframe Sync. This active-high signal is the
CEPT CRC-4 multiframe synchronization pulse in the receive framer.
128
54
RFDLCK
O
Receive Facility Data Link Clock. In DS1-DDS with data link access, this is
an 8 kHz clock signal. Otherwise, this is a 4 kHz clock signal. The receive
data link bit changes on the falling edge of RFDLCK.
127
55
RFDL
O
Receive Facility Data Link. Serial output facility data link bit stream
extracted from the receive line data stream by the receive framer. In DS1-
DDS with data link access, this is an 8 kbits/s signal; otherwise,
4 kbits/s. In the CEPT frame format, RFDL can be programmed to one of the
Sa bits of the NOT FAS frame TS0. During loss of frame alignment, this sig-
nal is 1.
126
56
TCHICK
I
TransmitrCHI Clock.
2.048 MHz, 4.096 MHz, 8.192 MHz, or 16.384 MHz.
This clock must be free of jitter.
125
57
TCHIFS
I/O
Transmit CHI Frame Sync. Transmit CHI 8 kHz input frame synchronization
pulse phase-locked to TCHICK. In the CHI master mode, the transmit CHI
generates the 8 kHz frame sync to control the CHI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com