Electronic Components Datasheet Search
  English  ▼

X  

T7630 Datasheet(PDF) 49 Page - Agere Systems

Part # T7630
Description  T7630 Dual T1/E1 5.0 V Short-Haul Terminator (Terminator-II)
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T7630 Datasheet(HTML) 49 Page - Agere Systems

Back Button T7630 Datasheet HTML 45Page - Agere Systems T7630 Datasheet HTML 46Page - Agere Systems T7630 Datasheet HTML 47Page - Agere Systems T7630 Datasheet HTML 48Page - Agere Systems T7630 Datasheet HTML 49Page - Agere Systems T7630 Datasheet HTML 50Page - Agere Systems T7630 Datasheet HTML 51Page - Agere Systems T7630 Datasheet HTML 52Page - Agere Systems T7630 Datasheet HTML 53Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 210 page
background image
Lucent Technologies Inc.
49
Preliminary Data Sheet
October 2000
T7630 Dual T1/E1 5.0 V Short-Haul Terminator (Terminator-II)
Lucent Technologies Inc.
LIU-Framer Interface (continued)
Table 17 shows the encoding of a string of zeros using B8ZS. B8ZS is recommended when ESF format is used. V
represents a violation of the bipolar rule, and B represents an inserted pulse conforming to the AMI rule.
Table 17. DS1 B8ZS Encoding
CEPT: High-Density Bipolar of Order 3 (HDB3)
The line code used for CEPT is described in ITU Rec. G.703 Section 6.1 as high-density bipolar of order 3 (HDB3).
HDB3 uses a substitution code that acts on strings of four zeros. The substitute HDB3 codes are 000V and B00V,
where V represents a violation of the bipolar rule and B represents an inserted pulse conforming to the AMI rule
defined in ITU Rec. G.701, item 9004. The choice of the B00V or 000V is made so that the number of B pulses
between consecutive V pulses is odd. In other words, successive V pulses are of alternate polarity so that no direct
current (dc) component is introduced. The substitute codes follow each other if the string of zeros continues. The
choice of the first substitute code is arbitrary. A line code error consists of two pulses of the same polarity that is not
defined as one of the two substitute codes. Excessive zeros consist of any zero string length greater than four con-
tiguous zeros. Both excessive zeros and coding violations are indicated as bipolar violations. An example is shown
in Table 18.
Table 18. ITU HDB3 Coding
Frame Formats
The supported North American T1 framing formats are superframe (D4,
SLC-96, and digital data service-DDS)
and extended superframe (ESF). The device can be programmed to support the ITU-CEPT-E1 basic format with
and without CRC-4 multiframe formatting. This section describes these framing formats.
T1 Framing Structures
T1 is a digital transmission system which multiplexes twenty-four 64 kbits/s time slots (DS0) onto a serial link. The
T1 system is the lowest level of hierarchy on the North American T-carrier system, as shown in Figure 20.
Table 19. T-Carrier Hierarchy
Bit Positions
123
456
78
—
—
—
12
345
678
Before B8ZS
000
000
0010
100
000
000
After B8ZS
0
0
0
V
B
0V
B
B
0B0
0
0V
B0V
B
Input Bit Stream
1011
0000
01
0000
0000
0000
0000
HDB3-coded Data
1011
000V
01
000V
B00V
B00V
B00V
HDB3-coded Levels
–0+–
000–
0+
000+
–00–
+00+
–00–
HDB3 with 5 Double BPVs
–0+–
–000
0+
+00+
0– – –
+00+
–00–
1-BPV
3-BPV
5-BPV
T Carrier
DS0 Channels
Bit Rate (Mbits/s)
Digital Signal Level
T1
24
1.544
DS1
T1-C
48
3.152
DS1C
T2
96
6.312
DS2
T3
672
44.736
DS3
T4
4032
274.176
DS4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com