Electronic Components Datasheet Search
  English  ▼

X  

TMUX03155 Datasheet(PDF) 88 Page - Agere Systems

Part # TMUX03155
Description  TMUX03155 STS-3/STM-1 (AU-4) Multiplexer/Demultiplexer
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMUX03155 Datasheet(HTML) 88 Page - Agere Systems

Back Button TMUX03155 Datasheet HTML 84Page - Agere Systems TMUX03155 Datasheet HTML 85Page - Agere Systems TMUX03155 Datasheet HTML 86Page - Agere Systems TMUX03155 Datasheet HTML 87Page - Agere Systems TMUX03155 Datasheet HTML 88Page - Agere Systems TMUX03155 Datasheet HTML 89Page - Agere Systems TMUX03155 Datasheet HTML 90Page - Agere Systems TMUX03155 Datasheet HTML 91Page - Agere Systems TMUX03155 Datasheet HTML 92Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 120 page
background image
88
88
Agere Systems Inc.
Data Sheet
April 2001
TMUX03155 STS-3/STM-1 (AU-4) Multiplexer/Demultiplexer
Microprocessor Interface (continued)
Register Map (continued)
Table 71. Register 103: Receive Low-Speed L-RDI Inhibit Control (R/W)
Table 72. Registers 104—106: Receive Low-Speed C1 Byte (R/W)
Table 73. Registers 107—109: Receive Low-Speed F1 Byte (R/W)
Table 74. Registers 110—115: Receive Low-Speed K1, K2 Byte Insert (R/W)
Address
Dec (Hex)
Bit
Name
Function
Reset
Default
103 (0x67)
6
RTILOC_LRDIINH
Receive Transmit Input Loss-of-Clock RDI-L
Inhibit. Control bits, when set to a logic 1, inhibit
the associated alarm from contributing to RDI-L
generation per STS-1/AU-3 frame.
0
103 (0x67)
5—3
RTLSLOF_LRDIINH[3—1]
Receive Transmit Low-Speed Loss-of-Frame
RDI-L Inhibit. Same as above.
111
103 (0x67)
2—0
RTLSOOF_LRDIINH[3—1]
Receive Transmit Low-Speed Out-of-Frame
RDI-L Inhibit. Same as above.
000
Address
Dec (Hex)
Bit
Name
Function
Reset
Default
104 (0x68)
105 (0x69)
106 (0x6A)
7—0
RC1DINS[1—3][7:0]
Receive C1 Data Insert. Register value is
inserted into the respective STS-1/AU-3 output
C1 byte.
0x00
Address
Dec (Hex)
Bit
Name
Function
Reset
Default
107 (0x6B)
108 (0x6C)
109 (0x6D)
7—0
RF1DINS[1—3][7:0]
Receive F1 Software Insert. Register value is
inserted into the respective STS-1/AU-3 output
F1 byte.
0x00
Address
Dec (Hex)
Bit
Name
Function
Reset
Default
110 (0x6E)
111 (0x6F)
7—3
7—0
RAPSINS1[12:8]
RAPSINS1[7:0]
Receive APS Insert. Register value is inserted
into the respective STS-1/AU-3 output K1 and
K2[7:3] bytes.
0x0000
112 (0x70)
113 (0x71)
7—3
7—0
RAPSINS2[12:8]
RAPSINS2[7:0]
114 (0x72)
115 (0x73)
7—3
7—0
RAPSINS3[12:8]
RAPSINS3[7:0]
110 (0x6E)
112 (0x70)
114 (0x72)
2—0
RK2DINS[3—1][2:0]
Receive K2 Data Insert. Register value is
inserted into the respective STS-1/AU-3 output
K2[2:0] bits.
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com