Electronic Components Datasheet Search
  English  ▼

X  

TMUX03155 Datasheet(PDF) 68 Page - Agere Systems

Part # TMUX03155
Description  TMUX03155 STS-3/STM-1 (AU-4) Multiplexer/Demultiplexer
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMUX03155 Datasheet(HTML) 68 Page - Agere Systems

Back Button TMUX03155 Datasheet HTML 64Page - Agere Systems TMUX03155 Datasheet HTML 65Page - Agere Systems TMUX03155 Datasheet HTML 66Page - Agere Systems TMUX03155 Datasheet HTML 67Page - Agere Systems TMUX03155 Datasheet HTML 68Page - Agere Systems TMUX03155 Datasheet HTML 69Page - Agere Systems TMUX03155 Datasheet HTML 70Page - Agere Systems TMUX03155 Datasheet HTML 71Page - Agere Systems TMUX03155 Datasheet HTML 72Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 120 page
background image
68
68
Agere Systems Inc.
Data Sheet
April 2001
TMUX03155 STS-3/STM-1 (AU-4) Multiplexer/Demultiplexer
Microprocessor Interface (continued)
Register Map (continued)
Table 36. Registers 60, 61: Transmit High-Speed Clock/Port Control (R/W) (continued)
Table 37. Register 62: Transmit High-Speed Control Signals (R/W)
Address
Dec (Hex)
Bit
Name
Function
Reset
Default
61 (0x3D)
7
THSSCR
Transmit High-Speed Scramble Enable. Control
bit, when set to a logic 1, causes the output STS-3/
STM-1 (AU-4) signal to be scrambled; the signal is
not scrambled if set to a logic 0.
0
61 (0x3D)
6
RHS2THSLB
Receive High-Speed to Transmit High-Speed
Loopback Control. Control bit, when set to a logic
1, causes the receive STS-3/STM-1 (AU-4) input
signal to be looped back to the transmit high-speed
output; loopback is disabled when set to a logic 0.
0
61 (0x3D)
2
THSCHIZ
Transmit High-Speed Clock High-Impedance
(Control). Control signal, when set to a logic 1,
causes the output STS-3/STM-1 (AU-4) clock to be
placed in a high-impedance state; a logic 0 enables
the output driver.
0
61 (0x3D)
1
THSSHIZ
Transmit High-Speed Sync High-Impedance
(Control). Control signal, when set to a logic 1,
causes the output STS-3/STM-1 (AU-4) sync signal
to be placed in a high-impedance state; a logic 0
enables the output driver.
0
61 (0x3D)
0
THSDHIZ
Transmit High-Speed Data High-Impedance
(Control). Control signal, when set to a logic 1,
causes the output STS-3/STM-1 (AU-4) data sig-
nals to be placed in a high-impedance state; a logic
0 enables the output drivers.
0
Address
Dec (Hex)
Bit
Name
Function
Reset
Default
62 (0x3E)
7—6
TSS[1:0]
Transmit SS (Bits). These bits are used in the
STS-1 mode to set the SS bits when an unequipped
signal is being generated.
00
62 (0x3E)
4
TPFEBEINH
Transmit Path FEBE Inhibit. Control bit, when set
to a logic 1, disables hardware insertion of Path
FEBE (B3 errors) in the outgoing STM-1 (AU-4)
frame G1 byte; a logic 0 enables hardware insertion
of PFEBE. Only valid in AU-4 mode.
0
62 (0x3E)
3
TSFEBEINH
Transmit Section FEBE Inhibit. Control bit, when
set to a logic 1, disables hardware insertion of Sec-
tion FEBE (B2 errors) in the outgoing STS-3/STM-1
frame M1 byte; a logic 0 enables hardware insertion
of SFEBE.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com