Electronic Components Datasheet Search
  English  ▼

X  

TMUX03155 Datasheet(PDF) 39 Page - Agere Systems

Part # TMUX03155
Description  TMUX03155 STS-3/STM-1 (AU-4) Multiplexer/Demultiplexer
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMUX03155 Datasheet(HTML) 39 Page - Agere Systems

Back Button TMUX03155 Datasheet HTML 35Page - Agere Systems TMUX03155 Datasheet HTML 36Page - Agere Systems TMUX03155 Datasheet HTML 37Page - Agere Systems TMUX03155 Datasheet HTML 38Page - Agere Systems TMUX03155 Datasheet HTML 39Page - Agere Systems TMUX03155 Datasheet HTML 40Page - Agere Systems TMUX03155 Datasheet HTML 41Page - Agere Systems TMUX03155 Datasheet HTML 42Page - Agere Systems TMUX03155 Datasheet HTML 43Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 120 page
background image
Agere Systems Inc.
39
Data Sheet
April 2001
TMUX03155 STS-3/STM-1 (AU-4) Multiplexer/Demultiplexer
Maintenance Functions (continued)
Receive Functions (continued)
B2 BIP-24 Parity
The device will perform B2 (BIP-24) calculation and error checking. The device will allow access to the B2 errored
bit/block (one block is equal to one frame) count (BITBLOCKCNT, 0x34, RHSB2ECNT[16:0], Page 1 - 0x8F—
0x91). This counter will update when LATCH_CNT, 0x04 transitions from a logic 0 to a logic 1.
Signal Degrade BER Algorithm
A signal degrade state and change of state indication will be provided to the control interface (RHSSD, RHSSDD,
RHSSDM, 0x1B, 0x0A, 0x13). This bit error rate algorithm can operate on either B1 or B2 errors (SDB1B2SEL,
0x83). Signal degrade is declared when SDLSet[3:0], Page 2 - 0x83 or more bit errors in SDNsSet[18:0], Page
2 - 0x8E—0x90 and frames occur SDMSet[7:0], Page 2 - 0x84 times out of SDBSet[11:0], Page 2 - 0x85—0x86
blocks (one block is equal to one measurement period of SDNsSet[18:0] frames), and it is removed when less
than SDLClear[3:0], Page 2 - 0x8A bit errors in SDNsClear[18:0], Page 2 - 0x87—0x89 frames occur SDM-
Clear[7:0], Page 2 - 0x8B times out of SDBClear[11:0], Page 2 - 0x8C—0x8D blocks.
The above algorithm can detect bit error rates from 1 x 10–3 to 1 x 10–9.
Signal Fail BER Algorithm
A signal fail state and change of state indication will be provided to the control interface (RHSSF, RHSSFD,
RHSSFM, 0x1B, 0x0A, 0x13). This bit error rate algorithm can operate on either B1 or B2 errors (SFB1B2SEL,
Page 2 - 0x91). Signal fail is declared when SFLSet[3:0], Page 2 - 0x91 or more bit errors in SFNsSet[18:0],
Page 2 - 0x8E—0x90 frames occur SFMSet[7:0], Page 2 - 0x92 times out of SFBSet[11:0], Page 2 - 0x93—0x94
blocks (one block is equal to one measurement period of SFNsSet[18:0] frames), and it is removed when less than
SFLClear[3:0], Page 2 - 0x98 bit errors in SFNsClear[18:0], Page 2 - 0x96—0x98 frames occur SFMClear[7:0],
Page 2 - 0x99 times out of SFBClear[11:0] Page 2 - 0x9A—0x9B blocks.
The above algorithm can detect bit error rates from 1 x 10–3 to 1 x 10–9.
Section Trace (J0, Z0-2, Z0-3) Byte Monitoring
The device will monitor the section trace bytes (RJ0MON[7:0], RZ02MON[7:0], RZ03MON[7:0], RCDRLOC,
0x1E, 0x1F, 0x20, 0x1B) on the receive input. A new section trace value will be detected after CNTDJ0Z0[3:0],
0x5A and consecutive consistent occurrences of a new pattern in the section trace overhead bytes. Any changes
to these bytes will be reported to the control system (RJ0Z0MOND, RJ0Z0MONM, 0x0C, 0x15).
Fault Location Monitoring (F1MON)
The device will monitor the fault location byte (RF1MON0[7:0], 0x21) on the receive input. A new fault location
state will be detected after CNTDF1[3:0], 0x5A consecutive consistent occurrences of a new pattern in the F1
overhead byte. The device will also maintain a history of the previous valid F1 byte (RF1MON1[7:0], 0x22). Any
changes to this byte will be reported to the control system (RF1MOND, RF1MONM, 0x0C, 0x15).
Automatic Protection Switch (APS) Monitoring
The device will monitor the K1 byte and the K2 byte (5 MSBs only) on the input side of the device receive path
(RAPSMON[12:0], 0x23, 0x24). After CNTDAPS[3:0], 0x5B consecutive consistent occurrences of new K1 and
K2 bytes, the device will notify the control system (RAPSMOND, RAPSMONM, 0x0B, 0x14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com