Electronic Components Datasheet Search
  English  ▼

X  

TMUX03155 Datasheet(PDF) 49 Page - Agere Systems

Part # TMUX03155
Description  TMUX03155 STS-3/STM-1 (AU-4) Multiplexer/Demultiplexer
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMUX03155 Datasheet(HTML) 49 Page - Agere Systems

Back Button TMUX03155 Datasheet HTML 45Page - Agere Systems TMUX03155 Datasheet HTML 46Page - Agere Systems TMUX03155 Datasheet HTML 47Page - Agere Systems TMUX03155 Datasheet HTML 48Page - Agere Systems TMUX03155 Datasheet HTML 49Page - Agere Systems TMUX03155 Datasheet HTML 50Page - Agere Systems TMUX03155 Datasheet HTML 51Page - Agere Systems TMUX03155 Datasheet HTML 52Page - Agere Systems TMUX03155 Datasheet HTML 53Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 120 page
background image
Agere Systems Inc.
49
Data Sheet
April 2001
TMUX03155 STS-3/STM-1 (AU-4) Multiplexer/Demultiplexer
Microprocessor Interface (continued)
Microprocessor Interface Register Architecture
The register bank architecture of the microprocessor interface is shown in Table 22. Addresses referred to in this
section are given in decimal, with the hexadecimal representation in parentheses.
Table 22. Device-Level Register Map
* Shaded blocks are reserved for future or internal use.
Addr
D (Hex)
Bit Number—Device (ANSI)*
7 (1)
6 (2)
5 (3)
4 (4)
3 (5)
2 (6)
1 (7)
0 (8)
Common Fixed Parameters—Read Only (RO)
0(00)
INT
1(01)
DEVID[15:8] = 0x31
2(02)
DEVID[7:0] = 0x55
3(03)
DEVVER[7:0] = 0x00
One-Shot (0 to 1 Transition) Control Bit Parameters—Read/Write (R/W)
4(04)
TA1A2ERREN
TSTGENE8INS
SFCLEAR
SFSET
SDCLEAR
SDSET
RSTCTL
LATCH_CNT
5(05)
RA1A2ERREN
Controller Scratch Byte—R/W
6(06)
SCRATCH[7:0]
Delta and Event Parameters—COR-RO
7(07)
TILOCFD
TTOAC_PERRE
TLSPARE3
TLSPARE2
TLSPARE1
8(08)
TLSLOFD3
TLSLOFD2
TLSLOFD1
TLSOOFD3
TLSOOFD2
TLSOOFD1
9(09)
TLSH4MISD3
TLSH4MISD2
TLSH4MISD1
TLSPTRMISD3
TLSPTRMISD2
TLSPTRMISD1
10(0A)
RHSPARE
RHSSFD
RHSSDD
RHSLOSD
RHSLOFD
RHSOOFD
RILOCD
11(0B)
RAPSMOND
RK2MOND
RPAISD3
RPAISD2
RPAISD1
RLOPD3
RLOPD2
RLOPD1
12(0C)
RAPSBABLEE
RLRDIMOND
RLAISMOND
RJ1MISE
RS1MOND
RF1MOND
RJ0Z0MOND
13(0D)
RHSNPIMISD
RHSH4MISE
RRDIPD3
RRDIPD2
RRDIPD1
RC2MOND3
RC2MOND2
RC2MOND1
14(0E)
RZ3MOND3
RZ3MOND2
RZ3MOND1
RF2MOND3
RF2MOND2
RF2MOND1
15(0F)
RZ5MOND3
RZ5MOND2
RZ5MOND1
INTN Mask Parameters—R/W
16(10)
TILOCFM
TTOAC_PERRM
TLSPARM3
TLSPARM2
TSLSPARM1
17(11)
TLSLOFM3
TLSLOFM2
TLSLOFM1
TLSOOFM3
TLSOOFM2
TLSOOFM1
18(12)
TLSH4MISM3
TLSH4MISM2
TLSH4MISM1
TLSPTRMISM3
TLSPTRMISM2
TLSPTRMISM1
19(13)
RHSPARM
RHSSFM
RHSSDM
RHSLOSM
RHSLOFM
RHSOOFM
RILOCM
20(14)
RAPSMONM
RK2MONM
RPAISM3
RPAISM2
RPAISM1
RLOPM3
RLOPM2
RLOPM1
21(15)
RAPSBABLEM
RLRDIMONM
RLAISMONM
RJ1MISM
RS1MONM
RF1MONM
RJ0Z0MONM
22(16)
RHSNPIMISM
RHSH4MISM
RRDIPM3
RRDIPM2
RRDIPM1
RC2MONM3
RC2MONM2
RC2MONM1
23(17)
RZ3MONM3
RZ3MONM2
RZ3MONM1
RF2MONM3
RF2MONM2
RF2MONM1
24(18)
RZ5MONM3
RZ5MONM2
RZ5MONM1
State and Value Parameters—RO
25(19)
TILOC
TILOF
TLSLOF3
TLSLOF2
TLSLOF1
TLSOOF3
TLSOOF2
TLSOOF1
26(1A)
TPRDIINT
TLRDIINT
TLSH4MIS3
TLSH4MIS2
TLSH4MIS1
TLSPTRMIS3
TLSPTRMIS2
TLSPTRMIS1
27(1B)
RCDRLOC
RHSSF
RHSSD
RHSLOSEXTI
RHSLOS
RHSLOF
RHSOOF
RILOC
28(1C)
CONCAT_STATE2[1:0]
RPAIS3
RPAIS2
RPAIS1
RLOP3
RLOP2
RLOP1
29(1D)
RHSNPIMIS
RLRDIMON
RLAISMON
CONCAT_STATE3[1:0]
RLRDIINT3
RLRDIINT2
RLRDIINT1
Receive Monitor Values—RO
30(1E)
RJ0MON[7:0]
31(1F)
RZ02MON[7:0]
32(20)
RZ03MON[7:0]
33(21)
RF1MON0[7:0]
34(22)
RF1MON1[7:0]
35(23)
RAPSMON[12:8]
RK2MON[2:0]
36(24)
RAPSMON[7:0]
37(25)
RS1MON[7:0]
38(26)
RC2MON1[7:0]
39(27)
RC2MON2[7:0]
40(28)
RC2MON3[7:0]
41(29)
RF2MON1[7:0]
42(2A)
RF2MON2[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com