Electronic Components Datasheet Search
  English  ▼

X  

TMUX03155 Datasheet(PDF) 21 Page - Agere Systems

Part # TMUX03155
Description  TMUX03155 STS-3/STM-1 (AU-4) Multiplexer/Demultiplexer
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMUX03155 Datasheet(HTML) 21 Page - Agere Systems

Back Button TMUX03155 Datasheet HTML 17Page - Agere Systems TMUX03155 Datasheet HTML 18Page - Agere Systems TMUX03155 Datasheet HTML 19Page - Agere Systems TMUX03155 Datasheet HTML 20Page - Agere Systems TMUX03155 Datasheet HTML 21Page - Agere Systems TMUX03155 Datasheet HTML 22Page - Agere Systems TMUX03155 Datasheet HTML 23Page - Agere Systems TMUX03155 Datasheet HTML 24Page - Agere Systems TMUX03155 Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 120 page
background image
Agere Systems Inc.
21
Data Sheet
April 2001
TMUX03155 STS-3/STM-1 (AU-4) Multiplexer/Demultiplexer
Transmit Direction Overview (continued)
STM-1 (AU-4) Frame Generation (AU-4 Mode)
The device will create the overhead according to the following table. The path overhead bytes are created in this
mode. The three AU-3 inputs are converted to TUG-3 format and inserted into a VC-4 that is multiplexed into an
AU-4.
* Access through transmit TOAC (see Table 17 on page 37).
Note: Bold type within the table is not defined in the standard and is labeled here for clarity.
The following values are assigned to the transmitted overhead bytes:
A1—11110110 (0xF6)
A2—00101000 (0x28)
J0—Variable value TJ0DINS[7:0], 0x3F
Z0-2—Variable value TZ02DINS[7:0], 0x40
Z0-3—Variable value TZ03DINS[7:0], 0x41
B1—Variable value (BIP-8 Parity)
F1—Variable value TF1DINS[7:0], 0x42
H1-1—01101010
H2-1—00001010 (pointer value of 522\D)
Y—10011011 (NDF, SS, PTR)—Concatenation indication
1
†—All ones pattern
H3-1, 2, 3—Default byte value (0xFF)
B2-1, 2, 3—Variable value BIP-24
K1—Variable value TAPSINS[12:5], 0x43, 0x44
K2—Variable value TAPSINS[4:0], TK2INS[2:0], 0x43, 0x44—RDI-L, AIS-L
S1—Variable value TS1DINS[7:0], 0x45
M1—Variable value (section FEBE—number of B2 errors) TSFEBEINH, 0x3E
† Access through transmit TOAC.
Table 8. STM-1 (AU-4) Output Overhead Format
STM-1 (AU-4) Overhead
AU-4 Payload
Col. 1 Col. 2 Col. 3 Col. 4 Col. 5 Col. 6 Col. 7 Col. 8 Col. 9 POH
10
1
1
1
2
1
3
1
4
1
5
1
6
1
7
1
8
1
9
2
0
2
1
22—
270
Row 1
A1-1
A1-2
A1-3
A2-1
A2-2
A2-3
J0
Z0-2
Z0-3
J1
F
I
X
E
D
S
T
U
F
F
F
I
X
E
D
S
T
U
F
F
N
P
I
N
P
I
N
P
I
F
I
X
E
D
S
T
U
F
F
F
I
X
E
D
S
T
U
F
F
F
I
X
E
D
S
T
U
F
F
T
U
G
-
3
A
T
U
G
-
3
B
T
U
G
-
3
C
—
Row 2
B1
B1-2*
B1-3*E1*
E1-2*
E1-3*F1*
F1-2*
F1-3*B3
—
Row 3
D1*
D1-2*
D1-3*D2*
D2-2*
D2-3*D3*
D3-2*
D3-3*C2
—
Row 4
H1-1
Y
Y
H2-1
1*
1*
H3-1
H3-2
H3-3
G1
S
T
U
F
F
S
T
U
F
F
S
T
U
F
F
—
Row 5
B2-1
B2-2
B2-3
K1
K1-2*
K1-3*K2
K2-2*
K2-3*F2
—
Row 6
D4*
D4-2*
D4-3*D5*
D5-2*
D5-3*D6*
D6-2*
D6-3*H4
—
Row 7
D7*
D7-2*
D7-3*D8*
D8-2*
D8-3*D9*
D9-2*
D9-3*Z3
—
Row 8
D10*
D10-2* D10-3*D11*
D11-2* D11-3*D12*
D12-2* D12-3*Z4
—
Row 9
S1*
Z1-2*
Z1-3*
Z2-1*
Z2-2*
M1
E2*
E2-2*
E2-3*Z5
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com