Electronic Components Datasheet Search
  English  ▼

X  

TMUX03155 Datasheet(PDF) 30 Page - Agere Systems

Part # TMUX03155
Description  TMUX03155 STS-3/STM-1 (AU-4) Multiplexer/Demultiplexer
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TMUX03155 Datasheet(HTML) 30 Page - Agere Systems

Back Button TMUX03155 Datasheet HTML 26Page - Agere Systems TMUX03155 Datasheet HTML 27Page - Agere Systems TMUX03155 Datasheet HTML 28Page - Agere Systems TMUX03155 Datasheet HTML 29Page - Agere Systems TMUX03155 Datasheet HTML 30Page - Agere Systems TMUX03155 Datasheet HTML 31Page - Agere Systems TMUX03155 Datasheet HTML 32Page - Agere Systems TMUX03155 Datasheet HTML 33Page - Agere Systems TMUX03155 Datasheet HTML 34Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 120 page
background image
30
30
Agere Systems Inc.
Data Sheet
April 2001
TMUX03155 STS-3/STM-1 (AU-4) Multiplexer/Demultiplexer
Maintenance Functions (continued)
Common Maintenance and Control Functions (continued)
Bit or Block Count
The device allows all counters, except the pseudorandom error counter, to either count the actual number of bit
errors or the number of blocks (a block equals one frame) that contain an error (BITBLOCKCNT, 0x34).
The section and path FEBE counters count the actual number of bit errors or the number of blocks that contain an
error (FEBEBITBLOCKCNT, 0x34).
Transmit Functions
The transmit section addresses maintenance functions that are unique to the transmit direction.
Parity (B1, B2, B3)
The device will perform a bit interleaved BIP-8 parity (B1) calculation and will write these bits into the B1 section
overhead byte. The device will perform a bit interleaved BIP-24 parity (B2) calculation and will write these bits into
the B2 line overhead byte. The device will perform a bit interleaved BIP-8 parity (B3) calculation and will write these
bits into the B3 path overhead byte (AU-4 mode only).
The device can perform a B1 (THSB1ERRINS, 0x4C), B2 (THSB2ERRINS[3—1], 0x4C), and B3
(THSB3ERRINS, 0x4C) parity byte inversion via microprocessor control.
A1, A2 Error Enable
The device will allow, under software control, from 1 to 32 continuous frames to have errored A1A2 patterns in the
outgoing frame (TA1A2ERRINS[4:0], 0x4D and TA1A2ERREN, 0x04).
Section Trace/Growth Byte Insert (J0/Z0)
The device inserts the data written into TJ0DINS[7:0], 0x3F, TZ02DINS[7:0], 0x40, and TZ03DINS[7:0], 0x41 into
the outgoing J0/Z0 bytes.
Fault Location Insert (F1)
Via microprocessor control of TF1INS, 0x3E and TF1DINS[7:0], 0x42, data information may be inserted into the
outgoing F1 byte. Direct microprocessor insert has higher priority than the TOAC insert control bit
(TTOAC_F1[1:0], 0x51).
Sync Status Byte Insert (S1)
Via microprocessor control of TS1INS, 0x3E and TS1DINS[7:0]0x45, data information may be inserted into the
outgoing S1 byte. Direct microprocessor insert has higher priority than the TOAC insert control bit
(TTOAC_Z1[1:0], 0x51).
Automatic Protection Switch (APS) Insertion (K1[7:0], K2[7:3])
The device writes the K1 and K2 bytes into the transmit K1 and K2 overhead bytes (TAPSINS[12:0], 0x43,
0x44). The K1 and K2[7:3] bits will only change when both values are valid. The TAPSINS[4:0], 0x44 byte is the
trigger for updating the APS bytes in the outgoing frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com