Electronic Components Datasheet Search
  English  ▼

X  

SPRUG14 Datasheet(PDF) 46 Page - Texas Instruments

Part # SPRUG14
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG14 Datasheet(HTML) 46 Page - Texas Instruments

Back Button SPRUG14 Datasheet HTML 42Page - Texas Instruments SPRUG14 Datasheet HTML 43Page - Texas Instruments SPRUG14 Datasheet HTML 44Page - Texas Instruments SPRUG14 Datasheet HTML 45Page - Texas Instruments SPRUG14 Datasheet HTML 46Page - Texas Instruments SPRUG14 Datasheet HTML 47Page - Texas Instruments SPRUG14 Datasheet HTML 48Page - Texas Instruments SPRUG14 Datasheet HTML 49Page - Texas Instruments SPRUG14 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
3.3
Device State Control Registers
The C6474 device has a set of registers that are used to control the status of its peripherals. These
registers are shown in Table 3-2.
Table 3-2. Device State Control Registers
ADDRESS START
ADDRESS END
SIZE
ACRONYM
DESCRIPTION
0288 0800
0288 0803
4B
DEVCFG1
The first register with the parameters is set through
software to configure different components on the device
0288 0804
0288 0807
4B
DEVSTAT
Stores all parameters latched from configuration pins or
configured through the DEVCFG register
0288 0808
0288 080B
4B
DSP_BOOT_ADDR0
The boot address for C64x+ Megamodule Core 0
0288 080C
0288 080F
4B
DSP_BOOT_ADDR1
The boot address for C64x+ Megamodule Core 1
0288 0810
0288 0813
4B
DSP_BOOT_ADDR2
The boot address for C64x+ Megamodule Core 2
0288 0814
0288 0817
4B
DEVID
Parameters for DSP device IDs also referred to as JTAG
or BSDL IDs. These must be readable by the
configuration bus so that this can be accessed via JTAG
and CPU
0288 0818
0288 0827
16B
Reserved
0288 0828
0288 082B
4B
Reserved
0288 082C
0288 082F
4B
Reserved
0288 0830
0288 0833
4B
Reserved
0288 0834
0288 083B
8B
EFUSE_MAC
Required for EMAC boot
0288 083C
0288 083F
4B
PRI_ALLOC
Priority Allocation Register
0288 0840
0288 08FF
192B
Reserved
N/A
0288 0900
0288 0903
4B
IPCGR0
Register provided to facilitate inter-DSP interrupts and
utilized by hosts or C64x+ Megamodules to generate
interrupts to other DSPs
0288 0904
0288 0907
4B
IPCGR1
Register provided to facilitate inter-DSP interrupts and
utilized by hosts or C64x+ Megamodules to generate
interrupts to other DSPs
0288 0908
0288 090B
4B
IPCGR2
Register provided to facilitate inter-DSP interrupts and
utilized by hosts or C64x+ Megamodules to generate
interrupts to other DSPs
0288 090C
0288 093F
52B
Reserved
N/A
0288 0940
0288 0943
4B
IPCAR0
Register provided to facilitate inter-DSP interrupts and
utilized by hosts or C64x+ Megamodules to generate
interrupts to other DSPs
0288 0944
0288 0947
4B
IPCAR1
Register provided to facilitate inter-DSP interrupts and
utilized by hosts or C64x+ Megamodules to generate
interrupts to other DSPs
0288 0948
0288 094B
4B
IPCAR2
Register provided to facilitate inter-DSP interrupts and
utilized by hosts or C64x+ Megamodules to generate
interrupts to other DSPs
46
Device Configuration
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com