Electronic Components Datasheet Search
  English  ▼

X  

SPRUG14 Datasheet(PDF) 6 Page - Texas Instruments

Part # SPRUG14
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG14 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SPRUG14 Datasheet HTML 2Page - Texas Instruments SPRUG14 Datasheet HTML 3Page - Texas Instruments SPRUG14 Datasheet HTML 4Page - Texas Instruments SPRUG14 Datasheet HTML 5Page - Texas Instruments SPRUG14 Datasheet HTML 6Page - Texas Instruments SPRUG14 Datasheet HTML 7Page - Texas Instruments SPRUG14 Datasheet HTML 8Page - Texas Instruments SPRUG14 Datasheet HTML 9Page - Texas Instruments SPRUG14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
1
Features
................................................... 1
5.6
Megamodule Resets
................................ 63
1.1
CUN/GUN/ZUN BGA Package (Bottom View)
....... 2
5.7
Megamodule Revision
.............................. 63
1.2
Description
........................................... 3
5.8
C64X+ Megamodule Register Description(s)
....... 64
1.3
C6474 Functional Block Diagram
.................... 5
6
Device Operating Conditions
....................... 72
6.1
Absolute Maximum Ratings Over Operating Case
Revision History
.............................................. 7
Temperature Range (Unless Otherwise Noted)
.... 72
2
Device Overview
........................................ 8
6.2
Recommended Operating Conditions
.............. 73
2.1
Device Characteristics
............................... 8
6.3
Electrical Characteristics Over Recommended
2.2
CPU (DSP Core) Description
........................ 9
Ranges of Supply Voltage and Operating Case
2.3
Memory Map Summary
............................. 12
Temperature (Unless Otherwise Noted)
............ 74
2.4
Boot Sequence
..................................... 15
7
Peripheral Information and Electrical
Specifications
.......................................... 75
2.5
Pin Assignments
.................................... 17
7.1
Parameter Information
.............................. 75
2.6
Signal Groups Description
.......................... 21
7.2
Recommended Clock and Control Signal Transition
2.7
Terminal Functions
................................. 26
Behavior
............................................ 76
2.8
Development and Device Support
.................. 41
7.3
Power Supplies
..................................... 76
2.9
Documentation Support
............................ 42
7.4
Peripheral IDs (PIDs)
............................... 79
2.10
Community Resources
............................. 44
7.5
Enhanced Direct Memory Access (EDMA3)
3
Device Configuration
................................. 45
Controller
........................................... 80
7.6
Interrupts
.......................................... 104
3.1
Device Configuration at Device Reset
.............. 45
7.7
Reset Controller
................................... 112
3.2
Peripheral Selection After Device Reset
........... 45
7.8
PLL1 and PLL1 Controller
......................... 117
3.3
Device State Control Registers
..................... 46
7.9
PLL2 and PLL2 Controller
......................... 130
3.4
Device Status Register Descriptions
............... 47
7.10
DDR2 Memory Controller
......................... 132
3.5
Inter-DSP Interrupt Registers (IPCGR0-IPCGR2
7.11
I2C Peripheral
..................................... 135
and IPCAR0-IPCAR2)
.............................. 49
7.12
Multichannel Buffered Serial Port (McBSP)
....... 140
3.6
JTAG ID (JTAGID) Register Description
........... 50
7.13
Ethernet MAC (EMAC)
............................ 149
3.7
Debugging Considerations
......................... 50
7.14
Management Data Input/Output (MDIO)
.......... 157
4
System Interconnect
.................................. 51
7.15
Timers
............................................. 159
4.1
Internal Buses, Switch Fabrics, and
7.16
Enhanced Viterbi-Decoder Coprocessor (VCP2)
Bridges/Gaskets
.................................... 51
..................................................... 168
7.17
Enhanced Turbo Decoder Coprocessor (TCP2)
4.2
Data Switch Fabric Connections
................... 52
..................................................... 170
4.3
Configuration Switch Fabric
........................ 55
7.18
Serial RapidIO (SRIO) Port
....................... 172
4.4
Priority Allocation
................................... 57
7.19
General Purpose Input/Output (GPIO)
............ 184
5
C64x+ Megamodule
................................... 58
7.20
Emulation Features and Capability
............... 185
5.1
Megamodule Diagram
.............................. 58
7.21
Semaphore
........................................ 189
5.2
Memory Architecture
............................... 59
7.22
Antenna Interface Subsystem
..................... 192
7.23
Frame Synchronization
............................ 204
5.3
Memory Protection
................................. 61
8
Mechanical Data
...................................... 208
5.4
Bandwidth Management
............................ 62
8.1
Thermal Data
...................................... 208
5.5
Power-Down Control
............................... 63
8.2
Packaging Information
............................ 208
6
Contents
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com