Electronic Components Datasheet Search
  English  ▼

X  

SPRUG14 Datasheet(PDF) 13 Page - Texas Instruments

Part # SPRUG14
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG14 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SPRUG14 Datasheet HTML 9Page - Texas Instruments SPRUG14 Datasheet HTML 10Page - Texas Instruments SPRUG14 Datasheet HTML 11Page - Texas Instruments SPRUG14 Datasheet HTML 12Page - Texas Instruments SPRUG14 Datasheet HTML 13Page - Texas Instruments SPRUG14 Datasheet HTML 14Page - Texas Instruments SPRUG14 Datasheet HTML 15Page - Texas Instruments SPRUG14 Datasheet HTML 16Page - Texas Instruments SPRUG14 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
HEX ADDRESS RANGE
MEMORY BLOCK DESCRIPTION
SIZE
START
END
C64x+ MEGAMODULE CORE 0
C64x+ MEGAMODULE CORE 1
C64x+ MEGAMODULE CORE 2
0295 0000
0295 003F
64
Timer4
0295 0040
0295 FFFF
64K - 64
Reserved
0296 0000
0296 003F
64
Timer5
0296 0040
0296 FFFF
256K - 64
Reserved
029A 0000
029A 01FF
512
PLL Controller 1 (Main)
029A 0200
029B FFFF
128K - 512
Reserved
029C 0000
029C 01FF
512
Reserved
029C 0200
029C 02FF
256K - 512
Reserved
02A0 0000
02A0 7FFF
32K
EDMA3 Channel Controller (TPCC)
02A0 8000
02A1 FFFF
96K
Reserved
02A2 0000
02A2 7FFF
32K
EDMA3 Transfer Controller 0 (TPTC0)
02A2 8000
02A2 FFFF
32K
EDMA3 Transfer Controller 1 (TPTC1)
02A3 0000
02A3 7FFF
32K
EDMA3 Transfer Controller 2 (TPTC2)
02A3 8000
02A3 FFFF
32K
EDMA3 Transfer Controller 3 (TPTC3)
02A4 0000
02A4 7FFF
32K
EDMA3 Transfer Controller 4 (TPTC4)
02A4 8000
02A4 FFFF
32K
EDMA3 Transfer Controller 5 (TPTC5)
02A5 0000
02A7 FFFF
192K
Reserved
02A8 0000
02A8 00FF
256
Reserved
02A8 0100
02AB FFFF
256K - 256
Reserved
02AC 0000
02AC 0FFF
4K
Power/Sleep Controller (PSC)
02AC 1000
02AC 3FFF
12K
Reserved
02AC 4000
02AC 40FF
256
Reserved
02AC 4100
02AC FFFF
48K - 256
Reserved
02AD 0000
02AD 7FFF
32K
Embedded Trace Buffer 0 (ETB0)
02AD 8000
02AD FFFF
32K
Embedded Trace Buffer 1 (ETB1)
02AE 0000
02AE 7FFF
32K
Embedded Trace Buffer 2 (ETB2)
02AE 8000
02AF FFFF
96K
Reserved
02B0 0000
02B0 00FF
256
GPIO
02B0 0100
02B0 1FFF
8K - 256
Reserved
02B0 2000
02B0 23FF
1K
Reserved
02B0 2400
02B0 3FFF
7K
Reserved
02B0 4000
02B0 407F
128
I2C Data and Control
02B0 4080
02B3 FFFF
256K - 128
Reserved
02B4 0000
02B4 07FF
2K
Semaphore
02B4 0800
02B7 FFFF
254K
Reserved
02B8 0000
02B8 00FF
256
VCP2 Control
02B8 0100
02B8 FFFF
128K - 256
Reserved
02BA 0000
02BA 00FF
256
TCP2 Control
02BA 0100
02BB FFFF
128K - 256
Reserved
02BC 0000
02BF FFFF
256K
Antenna Interface Control
02C0 0000
02C0 03FF
1K
Reserved
02C0 0400
02C3 FFFF
255K
Reserved
02C4 0000
02C4 00FF
256
SMGII Control
02C4 0100
02C7 FFFF
256K - 256
Reserved
02C8 0000
02C8 07FF
2K
EMAC Control
02C8 0800
02C8 0FFF
2K
Reserved
02C8 1000
02C8 10FF
256
EMAC Interrupt Controller
02C8 1100
02C8 17FF
2K - 256
Reserved
02C8 1800
02C8 18FF
256
MDIO
02C8 1900
02C8 FFFF
2K - 256
Reserved
02C8 2000
02C8 3FFF
8K
EMAC Descriptor Memory
02C8 4000
02CF FFFF
496K
Reserved
02D0 0000
02D2 0FFF
132K
RapidIO
02D2 1000
02D3 FFFF
124K
Reserved
02D4 0000
02D7 FFFF
256K
Reserved
02D8 0000
02DB FFFF
256K
Reserved
Copyright
© 2008–2011, Texas Instruments Incorporated
Device Overview
13
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com