Electronic Components Datasheet Search
  English  ▼

X  

SPRUG14 Datasheet(PDF) 76 Page - Texas Instruments

Part # SPRUG14
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG14 Datasheet(HTML) 76 Page - Texas Instruments

Back Button SPRUG14 Datasheet HTML 72Page - Texas Instruments SPRUG14 Datasheet HTML 73Page - Texas Instruments SPRUG14 Datasheet HTML 74Page - Texas Instruments SPRUG14 Datasheet HTML 75Page - Texas Instruments SPRUG14 Datasheet HTML 76Page - Texas Instruments SPRUG14 Datasheet HTML 77Page - Texas Instruments SPRUG14 Datasheet HTML 78Page - Texas Instruments SPRUG14 Datasheet HTML 79Page - Texas Instruments SPRUG14 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 214 page
background image
DV
DD18
V
REFSSTL
CV
DD11
DV
DD11
POR
3
4
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
7.2
Recommended Clock and Control Signal Transition Behavior
All clocks and control signals must transition between VIH and VIL (or between VIL and VIH) in a monotonic
manner.
7.3
Power Supplies
7.3.1
Power-Supply Sequencing
Power supply sequencing must be followed as seen in Figure 7-4.
Table 7-1. Timing Requirements for Power Supply Ramping
(see Figure 7-4)
NO.
PARAMETERS
MIN
MAX
UNIT
3
tsu(DVDD18-DVDD11)
Setup Time, DVDD18 and VREFSSTL supply stable before
0.5
200
ms
DVDD11 and CVDD11 supplies stable
(1)
4
th(DVDD11-POR)
Hold time, POR low after CVDD11 and DVDD11 supplies stable
(1)
100
μs
(1)
Stable means that the voltage is valid as per Section 6.2, Recommended Operating Conditions.
Figure 7-4. Power-Supply Timing
For more information on power-supply sequencing, see the TMS320C6474 Hardware Design Guide
application report (literature number SPRAAW7)
7.3.2
Power-Supply Decoupling
In order to properly decouple the supply planes from system noise, place as many capacitors (caps) as
possible close to the DSP. These caps need to be close to the DSP, no more than 1.25 cm maximum
distance to be effective. Physically smaller caps are better, such as 0402, but need to be evaluated from a
yield/manufacturing point-of-view. Parasitic inductance limits the effectiveness of the decoupling
capacitors, therefore physically smaller capacitors should be used while maintaining the largest available
capacitance value. As with the selection of any component, verification of capacitor availability over the
product's production lifetime should be considered.
7.3.3
Power-Down Operation
One of the power goals for the C6474 device is to reduce power dissipation due to unused peripherals.
There are different ways to power down peripherals on the C6474 device.
76
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com