Electronic Components Datasheet Search
  English  ▼

X  

SPRUG14 Datasheet(PDF) 72 Page - Texas Instruments

Part # SPRUG14
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG14 Datasheet(HTML) 72 Page - Texas Instruments

Back Button SPRUG14 Datasheet HTML 68Page - Texas Instruments SPRUG14 Datasheet HTML 69Page - Texas Instruments SPRUG14 Datasheet HTML 70Page - Texas Instruments SPRUG14 Datasheet HTML 71Page - Texas Instruments SPRUG14 Datasheet HTML 72Page - Texas Instruments SPRUG14 Datasheet HTML 73Page - Texas Instruments SPRUG14 Datasheet HTML 74Page - Texas Instruments SPRUG14 Datasheet HTML 75Page - Texas Instruments SPRUG14 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
6
Device Operating Conditions
Based
on
JESD22-C101C
(Field-Induced
Charged-Device
Model
Test
Method
for
Electrostatic-Discharge-Withstand Thresholds of Microelectronic Components), the TMS320C6474
device's charged-device model (CDM) sensitivity classification is Class II (200 to
<500 V). Specifically,
DDR memory interface and SERDES pins conform to
±200-V level. All other pins conform to ±500 V.
6.1
Absolute Maximum Ratings Over Operating Case Temperature Range (Unless
Otherwise Noted)
(1)
CVDD
-0.3 V - 1.35 V
DVDD11
(3)
-0.3 V to 1.35 V
DVDD18
-0.3 V to 2.45 V
VREFSSTL
0.49 * DVDD18 to 0.51 * DVDD18
AIF_VDDA11, AIF_VDDD11, AIF_VDDT11
-0.3 V to 1.35 V
Supply voltage range(2):
AIF_VDDR18
-0.3 V to 2.45 V
SGR_VDDA11, SGR_VDDD11, SGR_VDDT11
-0.3 V to 1.35 V
SGR_VDDR18
-0.3 V to 2.45 V
AVDD118, AVDD218
-0.3 V to 2.45 V
VSS Ground
0 V
1.8-V Single-Ended I/Os
-0.3 V to DVDD18 + 0.3 V
DDR2
-0.3 V to 2.45 V
I2C/VCNTL
-0.3 V to 2.45 V
Input voltage (VI) range:
Frame Sync Differential Clocks
-0.3 V to DVDD18 + 0.3 V
SYSCLK, CORECLK, DDR REFCLK, SRIO/EMAC
-0.3 V to 1.35 V
REFCLK
SERDES
-0.3 V to DVDD11 + 0.3 V
1.8-V Single-Ended I/Os
-0.3 V to DVDD18 + 0.3 V
DDR2
-0.3 V to 2.45 V
Output voltage (VO) range:
I2C/VCNTL
-0.3 V to 2.45 V
SERDES
-0.3 V to DVDD11 + 0.3 V
850-MHz and 1-GHz device commercial temperature
0
°C to 100°C(4)
1.2-GHz device commercial temperature
0
°C to 95°C(4)
Operating case temperature range, TC:
1-GHz device extended temperature
-40
°C to 100°C(4)
1.2-GHz device extended temperature(5)
-40
°C to 95°C(4)
Storage temperature range, Tstg:
-65
°C to 150°C
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS.
(3)
There is no pin named DVDD11 available on the device. DVDD11 represents the AIF_VDDA11, AIF_VDDD11, AIF_VDDT11, SGR_VDDA11,
SGR_VDDD11, and SGR_VDDT11 pins.
(4)
A heatsink is required for proper device operation.
(5)
Advance Information is presented in this document for the C6474 1.2-GHz extended temperature device.
72
Device Operating Conditions
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com