Electronic Components Datasheet Search
  English  ▼

X  

SPRUG14 Datasheet(PDF) 49 Page - Texas Instruments

Part # SPRUG14
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG14 Datasheet(HTML) 49 Page - Texas Instruments

Back Button SPRUG14 Datasheet HTML 45Page - Texas Instruments SPRUG14 Datasheet HTML 46Page - Texas Instruments SPRUG14 Datasheet HTML 47Page - Texas Instruments SPRUG14 Datasheet HTML 48Page - Texas Instruments SPRUG14 Datasheet HTML 49Page - Texas Instruments SPRUG14 Datasheet HTML 50Page - Texas Instruments SPRUG14 Datasheet HTML 51Page - Texas Instruments SPRUG14 Datasheet HTML 52Page - Texas Instruments SPRUG14 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
3.5
Inter-DSP Interrupt Registers (IPCGR0-IPCGR2 and IPCAR0-IPCAR2)
The IPCGRn (IPCGR0 thru IPCGR2) and IPCARn (IPCAR0 thru IPCAR2) registers facilitate inter-DSP
interrupts. This can be utilized by external hosts or C64x+ megamodules to generate interrupts to other
DSPs. A write of 1 to the IPCG field of IPCGRn register generates an interrupt pulse to C64x+
Megamodulen (n = 0-2). These registers also provide a source ID, by which up to 28 different sources of
interrupts can be identified.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
SRCS27
SRCS26
SRCS25
SRCS24
SRCS23
SRCS22
SRCS21
SRCS20
SRCS19
SRCS18
SRCS17
SRCS16
SRCS15
SRCS14
SRCS13
SRCS12
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
15
14
13
12
11
10
9
8
7
6
5
4
3
1
0
SRCS11
SRCS10
SRCS9
SRCS8
SRCS7
SRCS6
SRCS5
SRCS4
SRCS3
SRCS2
SRCS1
SRCS0
Reserved
IPCG
R/W-
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R-000
R/W-0
0
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Figure 3-3. IPC Generation Registers (IPCGR0-IPCGR2)
Table 3-5. IPC Generation Registers (IPCGR0-IPCGR2) Field Descriptions
Bit
Field
Value
Description
31:4
SRCS[27:0]
Write:
0
No effect
1
Set register bit
Read:
Returns current value of internal register bit
3:1
Reserved
Reserved
0
IPCG
Write:
0
No effect
1
Create an inter-DSP interrupt pulse to the corresponding C64x+ megamodule (C64x+
Megamodule0 for IPCGR0, etc.)
Read:
Returns 0, no effect
Copyright
© 2008–2011, Texas Instruments Incorporated
Device Configuration
49
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com