Electronic Components Datasheet Search
  English  ▼

X  

SPRUG14 Datasheet(PDF) 67 Page - Texas Instruments

Part # SPRUG14
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG14 Datasheet(HTML) 67 Page - Texas Instruments

Back Button SPRUG14 Datasheet HTML 63Page - Texas Instruments SPRUG14 Datasheet HTML 64Page - Texas Instruments SPRUG14 Datasheet HTML 65Page - Texas Instruments SPRUG14 Datasheet HTML 66Page - Texas Instruments SPRUG14 Datasheet HTML 67Page - Texas Instruments SPRUG14 Datasheet HTML 68Page - Texas Instruments SPRUG14 Datasheet HTML 69Page - Texas Instruments SPRUG14 Datasheet HTML 70Page - Texas Instruments SPRUG14 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
Table 5-12. Megamodule Cache Configuration Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
0184 820C
MAR131
Controls DDR2 CE0 Range 8300 0000 - 83FF FFFF
0184 8210
MAR132
Controls DDR2 CE0 Range 8400 0000 - 84FF FFFF
0184 8214
MAR133
Controls DDR2 CE0 Range 8500 0000 - 85FF FFFF
0184 8218
MAR134
Controls DDR2 CE0 Range 8600 0000 - 86FF FFFF
0184 821C
MAR135
Controls DDR2 CE0 Range 8700 0000 - 87FF FFFF
0184 8220
MAR136
Controls DDR2 CE0 Range 8800 0000 - 88FF FFFF
0184 8224
MAR137
Controls DDR2 CE0 Range 8900 0000 - 89FF FFFF
0184 8228
MAR138
Controls DDR2 CE0 Range 8A00 0000 - 8AFF FFFF
0184 822C
MAR139
Controls DDR2 CE0 Range 8B00 0000 - 8BFF FFFF
0184 8230
MAR140
Controls DDR2 CE0 Range 8C00 0000 - 8CFF FFFF
0184 8234
MAR141
Controls DDR2 CE0 Range 8D00 0000 - 8DFF FFFF
0184 8238
MAR142
Controls DDR2 CE0 Range 8E00 0000 - 8EFF FFFF
0184 823C
MAR143
Controls DDR2 CE0 Range 8F00 0000 - 8FFF FFFF
0184 8240
MAR144
Controls DDR2 CE0 Range 9000 0000 - 90FF FFFF
0184 8244
MAR145
Controls DDR2 CE0 Range 9100 0000 - 91FF FFFF
0184 8248
MAR146
Controls DDR2 CE0 Range 9200 0000 - 92FF FFFF
0184 824C
MAR147
Controls DDR2 CE0 Range 9300 0000 - 93FF FFFF
0184 8250
MAR148
Controls DDR2 CE0 Range 9400 0000 - 94FF FFFF
0184 8254
MAR149
Controls DDR2 CE0 Range 9500 0000 - 95FF FFFF
0184 8258
MAR150
Controls DDR2 CE0 Range 9600 0000 - 96FF FFFF
0184 825C
MAR151
Controls DDR2 CE0 Range 9700 0000 - 97FF FFFF
0184 8260
MAR152
Controls DDR2 CE0 Range 9800 0000 - 98FF FFFF
0184 8264
MAR153
Controls DDR2 CE0 Range 9900 0000 - 99FF FFFF
0184 8268
MAR154
Controls DDR2 CE0 Range 9A00 0000 - 9AFF FFFF
0184 826C
MAR155
Controls DDR2 CE0 Range 9B00 0000 - 9BFF FFFF
0184 8270
MAR156
Controls DDR2 CE0 Range 9C00 0000 - 9CFF FFFF
0184 8274
MAR157
Controls DDR2 CE0 Range 9D00 0000 - 9DFF FFFF
0184 8278
MAR158
Controls DDR2 CE0 Range 9E00 0000 - 9EFF FFFF
0184 827C
MAR159
Controls DDR2 CE0 Range 9F00 0000 - 9FFF FFFF
0184 8280 - 0184 837C
-
Reserved
0184 8380 - 0184 83BC
-
Reserved
0184 83C0 - 0184 83FC
-
Reserved
Table 5-13. Megamodule Error Detection Correct Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
0184 6000
-
Reserved
0184 6004
L2EDSTAT
L2 Error Detection Status Register
0184 6008
L2EDCMD
L2 Error Detection Command Register
0184 600C
L2EDADDR
L2 Error Detection Address Register
0184 6010
L2EDEN0
L2 Error Detection Enable Map 0 Register
0184 6014
L2EDEN1
L2 Error Detection Enable Map 1 Register
0184 6018
L2EDCPEC
L2 Error Detection - Correctable Parity Error Count Register
0184 601C
L2EDNPEC
L2 Error Detection - Non-correctable Parity Error Count Register
0184 6020 - 0184 6400
-
Reserved
0184 6404
L1Pedstat
L1P Error Detection Status Register
0184 6408
L1PEDCMD
L1P Error Detection Command Register
0184 640C
L1PEDADDR
L1P Error Detection Address Register
Copyright
© 2008–2011, Texas Instruments Incorporated
C64x+ Megamodule
67
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com