Electronic Components Datasheet Search
  English  ▼

X  

AD9102 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9102
Description  Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102 Datasheet(HTML) 4 Page - Analog Devices

  AD9102 Datasheet HTML 1Page - Analog Devices AD9102 Datasheet HTML 2Page - Analog Devices AD9102 Datasheet HTML 3Page - Analog Devices AD9102 Datasheet HTML 4Page - Analog Devices AD9102 Datasheet HTML 5Page - Analog Devices AD9102 Datasheet HTML 6Page - Analog Devices AD9102 Datasheet HTML 7Page - Analog Devices AD9102 Datasheet HTML 8Page - Analog Devices AD9102 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD9102
Data Sheet
Rev. 0 | Page 4 of 36
DC SPECIFICATIONS (1.8 V)
TMIN to TMAX; AVDD = 1.8 V; DVDD = DLDO1 = DLDO2 = 1.8 V; CLKVDD = CLDO = 1.8 V; IOUTFS = 4 mA; maximum sample rate, unless
otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
RESOLUTION
14
Bits
ACCURACY @ 1.8 V
Differential Nonlinearity (DNL)
±1.5
LSB
Integral Nonlinearity (INL)
±1.4
LSB
DAC OUTPUTS
Offset Error
±0.00025
% of FSR
Gain Error Internal Reference—No Automatic IOUTFS Calibration
−1.0
+1.0
% of FSR
Full-Scale Output Current
VCC = 1.8 V
2
4
4
mA
Output Resistance
200
MΩ
Output Compliance Voltage
−0.5
+1.0
V
DAC TEMPERATURE DRIFT
Gain
±228
ppm/°C
Reference Voltage
±131
ppm/°C
REFERENCE OUTPUT
Internal Reference Voltage with AVDD = 1.8 V
0.8
1.0
1.2
V
Output Resistance
10
kΩ
REFERENCE INPUT
Voltage Compliance
0.1
1.25
V
Input Resistance External Reference Mode
1
MΩ
DIGITAL TIMING SPECIFICATIONS (3.3 V)
TMIN to TMAX; AVDD = 3.3 V; DVDD = 3.3 V, CLKVDD = 3.3 V, internal CLDO, DLDO1, and DLDO2; IOUTFS = 8 mA; maximum sample rate,
unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
DAC CLOCK INPUT (CLKIN)
Maximum Clock Rate
180
MSPS
SERIAL PERIPHERAL INTERFACE
Maximum Clock Rate (SCLK)
80
MHz
Minimum Pulse Width High
6.25
ns
Minimum Pulse Width Low
6.25
ns
Setup Time SDIO to SCLK
4.0
ns
Hold Time SDIO to SCLK
5.0
ns
Output Data Valid SCLK to SDO/SDI2/DOUT or SDIO
6.2
ns
Setup Time CS to SCLK
4.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com