Electronic Components Datasheet Search
  English  ▼

X  

AD9102 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9102
Description  Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9102 Datasheet HTML 9Page - Analog Devices AD9102 Datasheet HTML 10Page - Analog Devices AD9102 Datasheet HTML 11Page - Analog Devices AD9102 Datasheet HTML 12Page - Analog Devices AD9102 Datasheet HTML 13Page - Analog Devices AD9102 Datasheet HTML 14Page - Analog Devices AD9102 Datasheet HTML 15Page - Analog Devices AD9102 Datasheet HTML 16Page - Analog Devices AD9102 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet
AD9102
Rev. 0 | Page 13 of 36
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
2000
4000
6000
8000 10000 12000 14000 16000 18000
CODE
8mA
4mA
2mA
Figure 15. INL, Three IOUTFS Values
180
170
160
150
140
130
120
110
100
90
80
100
1k
10k
100k
1M
10M
OFFSET (Hz)
fS = 160MHz, 10MHz
fS = 160MHz, 12MHz
Figure 16. Phase Noise vs. Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com