Electronic Components Datasheet Search
  English  ▼

X  

AD9102 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9102
Description  Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9102 Datasheet HTML 8Page - Analog Devices AD9102 Datasheet HTML 9Page - Analog Devices AD9102 Datasheet HTML 10Page - Analog Devices AD9102 Datasheet HTML 11Page - Analog Devices AD9102 Datasheet HTML 12Page - Analog Devices AD9102 Datasheet HTML 13Page - Analog Devices AD9102 Datasheet HTML 14Page - Analog Devices AD9102 Datasheet HTML 15Page - Analog Devices AD9102 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
AD9102
Data Sheet
Rev. 0 | Page 12 of 36
START 0Hz
VBW 5.6kHz
STOP 80MHz
SWEEP 3.076s (601pts)
REF –5dBm
ATTEN 18dB
MKR3 41.73MHz
–90.031dBm
1
2
3
MARKER
TRACE
TYPE
X-AXIS
AMPLITUDE
1
(1)
FREQ
13.87MHz
–11.13dBm
2
(1)
FREQ
27.87MHz
–88.70dBm
3
(1)
FREQ
41.73MHz
–90.03dBm
Figure 9. Output Spectrum, fOUT = 13.87 MHz
–100
–95
–90
–85
–80
–75
–70
–65
–60
0
10
20
30
40
50
60
70
80
fOUT (MHz)
180MHz
100MHz
50MHz
Figure 10. IMD vs. fOUT, Three fDAC Values
–100
–95
–90
–85
–80
–75
–70
–65
–60
0
10
20
30
40
50
60
70
80
fOUT (MHz)
8mA
4mA
2mA
Figure 11. IMD vs. fOUT, Three IOUTFS Values
–170
–165
–160
–155
–150
–145
–140
–135
–130
0
10
20
30
40
50
60
70
80
90
fOUT (MHz)
8mA
4mA
2mA
Figure 12. NSD vs. fOUT, Three IOUTFS Values
–170
–165
–160
–155
–150
–145
–140
–135
–130
0
10
20
30
40
50
60
70
80
90
fOUT (MHz)
+85°C
+25°C
–40°C
Figure 13. NSD vs. fOUT at Three Temperatures
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
2000
4000
6000
8000 10000 12000 14000 16000 18000
CODE
8mA
4mA
2mA
Figure 14. DNL, Three IOUTFS Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com