Electronic Components Datasheet Search
  English  ▼

X  

AD9102 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9102
Description  Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9102 Datasheet HTML 7Page - Analog Devices AD9102 Datasheet HTML 8Page - Analog Devices AD9102 Datasheet HTML 9Page - Analog Devices AD9102 Datasheet HTML 10Page - Analog Devices AD9102 Datasheet HTML 11Page - Analog Devices AD9102 Datasheet HTML 12Page - Analog Devices AD9102 Datasheet HTML 13Page - Analog Devices AD9102 Datasheet HTML 14Page - Analog Devices AD9102 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Data Sheet
AD9102
Rev. 0 | Page 11 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, internal CLDO, DLDO1, and DLDO2.
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
10
20
30
fOUT (MHz)
40
50
60
70
SFDR
SECOND HARMONIC
THIRD HARMONIC
Figure 3. SFDR, 2nd and 3rd Harmonics at IOUTFS = 8 mA vs. fOUT
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
10
20
30
fOUT (MHz)
40
50
60
70
SFDR
SECOND HARMONIC
THIRD HARMONIC
Figure 4. SFDR, 2nd and 3rd Harmonics at IOUTFS = 4 mA vs. fOUT
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
10
20
30
fOUT (MHz)
40
50
60
70
SFDR
SECOND HARMONIC
THIRD HARMONIC
Figure 5. SFDR, 2nd and 3rd Harmonics at IOUTFS = 2 mA vs. fOUT
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
10
20
30
fOUT (MHz)
40
50
60
70
8mA
4mA
2mA
Figure 6. SFDR at Three IOUTFS Values vs. fOUT
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
10
20
30
fOUT (MHz)
40
50
60
70
+85°C
+25°C
–40°C
Figure 7. SFDR at Three Temperatures vs. fOUT
–100
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
10
20
30
fOUT (MHz)
40
50
60
70
180MHz
100MHz
50MHz
Figure 8. SFDR at Three fDAC Values vs. fOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com