Electronic Components Datasheet Search
  English  ▼

X  

AD9102 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9102
Description  Low Power, 14-Bit, 180 MSPS, Digital-to-Analog Converter and Waveform Generator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9102 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9102 Datasheet HTML 13Page - Analog Devices AD9102 Datasheet HTML 14Page - Analog Devices AD9102 Datasheet HTML 15Page - Analog Devices AD9102 Datasheet HTML 16Page - Analog Devices AD9102 Datasheet HTML 17Page - Analog Devices AD9102 Datasheet HTML 18Page - Analog Devices AD9102 Datasheet HTML 19Page - Analog Devices AD9102 Datasheet HTML 20Page - Analog Devices AD9102 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
Data Sheet
AD9102
Rev. 0 | Page 17 of 36
THEORY OF OPERATION
DAC
10kΩ
IREF
100µA
1.8V
LDOs
1V
AD9102
IOUTP
IOUTN
AVDD1
AGND
AVDD2
1.8V
LDO
SRAM
ADDRESS
GAIN
OFFSET
DAC
TIMERS + STATE MACHINE
START ADDR
START DELAY
STOP ADDR
TRIGGER
DDS
TUNING WORD
PHASE
DAC CLOCK
DDS
SPI
INTERFACE
BAND
GAP
RSET1
16kΩ
CLOCK
DIST
Figure 29. AD9102 Block Diagram
Figure 29 is a block diagram of the AD9102. The AD9102 has a
single 14-bit current output DAC.
An on-chip band gap reference is included. Optionally, an off-
chip voltage reference may be used. The full-scale DAC output
current, also known as gain, is governed by the current, IREF. IREF
is the current that flows through the IREF resistor. The IREF set
resistor can be on or off chip at the user’s discretion. When the
on-chip RSET resistor is in use, DAC gain accuracy can be
improved by employing the built in automatic gain calibration
capability. Automatic calibration can be used with the on-chip
reference or an external REFIO voltage. A procedure for
automatic gain calibration follows.
The power supply rails for the AD9102 are AVDD for analog
circuits, CLKVDD/CLKLDO for clock input receivers, and
DVDD/DLDO1/DLDO2 for digital I/O and for the on-chip
digital datapath. AVDD, DVDD, and CLKVDD can range from
1.8 V to 3.3 V nominal. DLDO1, DLDO2, and CLDO run at
1.8 V. If DVDD = 1.8 V, connect DLDO1 and DLDO2 to
DVDD, with the on-chip LDOs disabled. All three supplies are
provided externally in this case. If CLKVDD = 1.8 V, connect
CLKVDD to CLDO with the on-chip LDOs enabled.
Digital signals input to the 14-bit DAC are generated by on-chip
digital waveform generation resources. The 14-bit samples are
input to the DAC at the CLKP/CLKN sample rate from the
digital datapath. The datapath includes gain and offset
corrections and a digital waveform source selection multiplexer.
Waveform sources are SRAM, direct digital synthesizer (DDS),
DDS output amplitude modulated by SRAM data, sawtooth
generator, dc constant, and pseudorandom sequence generator.
The waveforms output by the source selection multiplexer have
programmable pattern characteristics. The waveforms can be
set up to be continuous, continuous pulsed (fixed pattern
period and start delay within each pattern period), or finite
pulsed (a set number of pattern periods are output, then the
pattern stops).
Pulsed waveforms (finite or continuous) have a programmed
pattern period and start delay. The waveform is present in each
pulse period following the programmed pattern period start
and the start delay.
A SPI port enables loading of data into SRAM and
programming of all the control registers inside the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com