Electronic Components Datasheet Search
  English  ▼

X  

AD9129BBC Datasheet(PDF) 37 Page - Analog Devices

Part # AD9129BBC
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBC Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9129BBC Datasheet HTML 33Page - Analog Devices AD9129BBC Datasheet HTML 34Page - Analog Devices AD9129BBC Datasheet HTML 35Page - Analog Devices AD9129BBC Datasheet HTML 36Page - Analog Devices AD9129BBC Datasheet HTML 37Page - Analog Devices AD9129BBC Datasheet HTML 38Page - Analog Devices AD9129BBC Datasheet HTML 39Page - Analog Devices AD9129BBC Datasheet HTML 40Page - Analog Devices AD9129BBC Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 37 of 68
MSB/LSB TRANSFERS
The AD9119/AD9129 serial port can support both MSB-first
and LSB-first data formats. This functionality is controlled by
the LSB/MSB bit, Bit 6 in Register 0x00. The default is MSB first
(LSB/MSB = 0). When the MSB-first data format is selected, the
instruction and data bytes must be written from the most
significant bit to the least significant bit.
When LSB/MSB = 1 (LSB first), the instruction and data bytes
must be written from the least significant bit to the most
significant bit.
SERIAL PORT CONFIGURATION
The AD9119/AD9129 serial port configuration is controlled
by Register 0x00, Bits[7:5]. Note that the configuration changes
immediately upon writing to the last bit of the register. When
setting the software reset bit (SoftReset in Register 0x00, Bit 5),
all registers are set to their default values except Register 0x00,
which remains unchanged.
In the event of unexpected programming sequences, the
AD9119/AD9129 SPI can become inaccessible. For example,
if user code inadvertently changes the LSB/MSB bit, the bits that
follow experience unexpected results. The SPI can be returned
to a known state by writing an incomplete byte (1 to 7 bits) of
all 0s, followed by three bytes of 0x00. This returns to the MSB-
first instructions (Register 0x00 = 0x00) so that the device can
be reinitialized.
R/W A6
A5
A4
A3
A2
A1 A0 D7N D6N D5N
D00
D10
D20
D30
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
SDIO
CS
Figure 122. Serial Register Interface Timing, MSB-First Write
R/W A6
A5
A4
A3
A2
A1
A0
D7
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
SDIO
SDO
D7
CS
D6N D5N
D00
D10
D20
D30
D6N D5N
D00
D10
D20
D30
Figure 123. Serial Register Interface Timing, MSB-First Read
A0
A1
A2
A3
A4
A5 A6
R/W
SCLK
SDIO
CS
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
D7N
D6N
D5N
D00 D10 D20
D40
Figure 124. Serial Register Interface Timing, LSB-First Write
A0
A1
A2
A3
A4
A5
A6
R/W
D0
INSTRUCTION CYCLE
DATA TRANSFER CYCLE
SCLK
SDIO
SDO
D0
CS
D7N
D6N
D5N
D10 D20
D40
D7N
D6N
D5N
D10 D20
D40
Figure 125. Serial Register Interface Timing, LSB-First Read
INSTRUCTION BIT 6
INSTRUCTION BIT 7
SCLK
SDIO
tDS
tDS
tDH
tSCLK
CS
Figure 126. Timing Diagram for an SPI Register Write
I1
I0
D7
D6
D5
tDV
tDNV
SCLK
SDIO
CS
Figure 127. Timing Diagram for an SPI Register Read
After the last instruction bit is written to the SDIO pin, the
driving signal must be set to a high impedance in time for the
bus to turn around. The serial output data from the AD9119/
AD9129 is enabled by the falling edge of SCLK. This causes the
first output data bit to be shorter than the remaining data bits,
as shown in Figure 127. To assure proper reading of data, read
the SDIO pin or the SDO pin before changing SCLK from low
to high. Due to the more complex multibyte protocol, multiple
AD9119/ AD9129 devices cannot be daisy-chained on the SPI bus.
Control multiple DACs by using independent CS signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com