Electronic Components Datasheet Search
  English  ▼

X  

AD9129BBC Datasheet(PDF) 61 Page - Analog Devices

Part # AD9129BBC
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBC Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9129BBC Datasheet HTML 57Page - Analog Devices AD9129BBC Datasheet HTML 58Page - Analog Devices AD9129BBC Datasheet HTML 59Page - Analog Devices AD9129BBC Datasheet HTML 60Page - Analog Devices AD9129BBC Datasheet HTML 61Page - Analog Devices AD9129BBC Datasheet HTML 62Page - Analog Devices AD9129BBC Datasheet HTML 63Page - Analog Devices AD9129BBC Datasheet HTML 64Page - Analog Devices AD9129BBC Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 61 of 68
Data Mode Control Register
Address: 0x18, Reset: 0x00, Name: Data Mode Ctrl
Table 37. Bit Descriptions for Data Mode Ctrl
Bits
Bit Name
Description
Reset
Access
7
Filter enable
1: enables 2× interpolation filter
0: bypasses 2× interpolation filter
0
R/W
6
Binary select
Selects input data format
1: unsigned
0: signed
0
R/W
5
FILT_SEL
2× interpolator filter select
1: 40 dB OOB rejection
0: 25 dB out-of-band (OOB) rejection
0
R
[4:0]
Reserved
Reserved
0
R
Decoder Control (Program Thermometer Type) Register
Address: 0x19, Reset: 0x00, Name: Decode Ctrl
Table 38. Bit Descriptions for Decode Ctrl
Bits
Bit Name
Description
Reset
Access
[7:1]
Reserved
Reserved
0x00
R
0
Mix-Mode enable
1: Mix-Mode
0: normal
0
R/W
Sync Control Register
Address: 0x1A, Reset: 0x00, Name: Sync
Table 39. Bit Descriptions for Sync
Bits
Bit Name
Description
Reset
Access
7
Inc latency
Increment delay by 1
0
R/W
6
Dec latency
Decrement delay by 1
0
R/W
5
Reserved
Reserved
0
R
4
Sync enable
1: multi-DAC sync output pin enabled
0: multi-DAC sync output pin disabled
0
R/W
3
Sync done
1: last increment or decrement request is complete
0
R
[2:0]
Phase readback
Readback of existing SYNC phase delay value
0
R
Full-Scale Current Adjust (Lower) Register
Address: 0x20, Reset: 0x00, Name: FSC_1
Table 40. Bit Descriptions for FSC_1
Bits
Bit Name
Description
Reset
Access
[7:0]
Full-scale current, Bits[7:0]
DAC gain adjust; DAC full-scale current (LSB)
0x00
R/W
Full-Scale Current Adjust (Upper) Register
Address: 0x21 Reset: 0x02, Name: FSC_2
Table 41. Bit Descriptions for FSC_2
Bits
Bit Name
Description
Reset
Access
7
Reserved
Reserved
0
R/W
[6:2]
Reserved
Reserved
0
R
[1:0]
Full-scale current, Bits[9:8]
DAC gain adjust; DAC full-scale current (MSB)
0x02
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com