Electronic Components Datasheet Search
  English  ▼

X  

AD9129BBC Datasheet(PDF) 57 Page - Analog Devices

Part # AD9129BBC
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBC Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9129BBC Datasheet HTML 53Page - Analog Devices AD9129BBC Datasheet HTML 54Page - Analog Devices AD9129BBC Datasheet HTML 55Page - Analog Devices AD9129BBC Datasheet HTML 56Page - Analog Devices AD9129BBC Datasheet HTML 57Page - Analog Devices AD9129BBC Datasheet HTML 58Page - Analog Devices AD9129BBC Datasheet HTML 59Page - Analog Devices AD9129BBC Datasheet HTML 60Page - Analog Devices AD9129BBC Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 57 of 68
Interrupt Enable Register 0
Address: 0x03, Reset: 0x00, Name: IRQ Enable 0
Table 20. Bit Descriptions for IRQ Enable 0
Bits
Bit Name
Description
Reset
Access
7
FIFO_Warn2 interrupt enable
Enables the FIFO warning within two slots of overwrite interrupt
0
R/W
6
FIFO_Warn1 interrupt enable
Enables the FIFO warning within one slot of overwrite interrupt
0
R/W
5
SPIFrmAck interrupt enable
Enables the FIFO SPI-based calibration acknowledgement of SPIFrmReq
(Address 0x11, Bit 7) going from 0b to1b
0
R/W
4
Reserved
Reserved
0
R
3
DLL warn interrupt enable
Enables the DLL warning flag that the data receiver is no longer locked
0
R/W
2
DLL lock interrupt enable
Enables the DLL warning flag that the data receiver is now locked
0
R/W
1
Retimer lost interrupt enable
Enables the retimer lost interrupt indication
0
R/W
0
Retimer lock interrupt enable
Enables the retimer lock interrupt indication
0
R/W
Interrupt Enable Register 1
Address: 0x04, Reset: 0x00, Name: IRQ Enable 1
Table 21. Bit Descriptions for IRQ Enable 1
Bits
Bit Name
Description
Reset
Access
7
Reserved
Reserved
0
R/W
6
AED pass interrupt enable
Enables the AED pass interrupt reporting saying that eight valid samples captured
0
R/W
5
AED fail interrupt enable
Enables the AED fail interrupt reporting that a miscompare occurred
0
R/W
4
SED fail interrupt enable
Enables the SED fail interrupt reporting that a miscompare occurred
0
R/W
3
Parity error falling edge enable
Enables the parity fail due to a falling edge-based parity detected error
0
R/W
2
Parity error rising edge enable
Enables the parity fail due to a rising edge-based parity detected error
0
R/W
1
Reserved
Reserved
0
R
0
Reserved
Reserved
0
R
Interrupt Status Register 0
Address: 0x05, Reset: 0x00, Name: IRQ Request 0
Table 22. Bit Descriptions for IRQ Request 0
Bits
Bit Name
Description
Reset
Access
7
FIFO_Warn2 interrupt status
Indicates that the FIFO is within two slots of overwrite
0
R
6
FIFO_Warn1 interrupt status
Indicates that the FIFO is within one slot of overwrite
0
R
5
SPIFrmAck interrupt status
Indicates acknowledgement of SPIFrmReq has changed from 0b to1b
0
R
4
Reserved
Reserved
0
R
3
DLL warn interrupt status
Indicates that the DLL (data receiver) is close to coming unlocked and action is
needed
0
R
2
DLL lock interrupt status
Indicates that the DLL (data receiver) is now locked
0
R
1
Retimer lost interrupt status
Indicates that the retimer PLL is no longer locked
0
R
0
Retimer lock interrupt status
Indicates that the retimer PLL is now locked
0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com