Electronic Components Datasheet Search
  English  ▼

X  

AD9129BBC Datasheet(PDF) 42 Page - Analog Devices

Part # AD9129BBC
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBC Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9129BBC Datasheet HTML 38Page - Analog Devices AD9129BBC Datasheet HTML 39Page - Analog Devices AD9129BBC Datasheet HTML 40Page - Analog Devices AD9129BBC Datasheet HTML 41Page - Analog Devices AD9129BBC Datasheet HTML 42Page - Analog Devices AD9129BBC Datasheet HTML 43Page - Analog Devices AD9129BBC Datasheet HTML 44Page - Analog Devices AD9129BBC Datasheet HTML 45Page - Analog Devices AD9129BBC Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 42 of 68
For the AD9119, the data port is 11-bit instead of 14-bit, so
P0_D11, P0_D12, P0_D13, P1_D11, P1_D12, and P1_D13 are
not used in the calculation of the parity bit. Thus, the parity bit
is calculated over 29 bits (including the frame/parity bit) for the
AD9129 and over 23 bits for the AD9119.
If a parity error occurs, the parity error counter (Register 0x5D
or Register 0x5E) is incremented. Parity errors on the bits that
are sampled by the rising edge of DCI increment the parity
rising edge error counter (Register 0x5D) and set the parity
error rising edge bit (Register 0x5C, Bit 0). Parity errors on the
bits that are sampled by the falling edge of DCI increment the
parity falling edge error counter (Register 0x5E) and set the
parity error falling edge bit (Register 0x5C, Bit 1). The parity
counter continues to accumulate until it is cleared, or until it
reaches a maximum value of 255. The count can be cleared by
writing 1b to Register 0x5C, Bit 5.
An IRQ can be enabled to trigger when a parity error occurs by
writing 1b to Register 0x04, Bit 2 for rising edge-based parity
detection or to Register 0x04, Bit 3 for falling edge-based parity.
The status of IRQ can be measured via Register 0x06, Bit 2 or
Register 0x06, Bit 3 or by using the IRQ pin. When using the IRQ
pin and more than one IRQ is enabled, check Register 0x06,
Bits[3:2] when an IRQ event occurs to determine whether the
IRQ was caused by a parity error. The IRQ can also be cleared
by writing 1b to Register 0x06, Bit 2 or Register 0x06, Bit 3.
The parity bit feature can also be used to validate the interface
timing. As described previously, the host provides a parity bit
with the data samples and configures the AD9119/AD9129 to
generate an IRQ. The user can then sweep the sampling instance
of the AD9119/AD9129 input registers to determine at what
point a sampling error occurs.
DIGITAL DATAPATH DESCRIPTION
Figure 133 provides a more detailed diagram of the AD9119/
AD9129 digital datapath. The 22-bit/28-bit datapath with
internal DDR clocking interfaces with the dual 11-bit/14-bit
input data ports. Because two 11-bit/14-bit samples are captured
on each clock edge of DCI, four consecutive samples are captured
per DCI clock cycle. Samples captured on the rising edge of DCI
propagate through the upper section at a rate of DACCLK/2
(DDR), and those captured on the falling edge propagate through
the lower section.
14
14
14
14
14
14
28
PARITY/
SED LOGIC
INPUT
LATCH
INPUT
LATCH
REG 0
REG 1
REG 2
REG 3
REG 4
REG 5
REG 6
REG 7
RESET
LOGIC
FRAME
SPI FIFO ALIGN REQUEST
REG 0x11[7]
SPI FIFO ALIGN ACKNOWLEDGE
REG 0x11[6]
FIFO WRITE POINTER OFFSET
REG 0x12[2:0]
DACCLK/4
DACCLK/4 DIST.
DACCLK/4
DLL
DCI
DATA
FRAME/
PARITY
FRAME
14
14
14 BITS
28
1
28
1
REG 0
REG 1
REG 2
REG 3
REG 4
REG 5
REG 6
REG 7
FIFO PH3
PARITY/
SED LOGIC
TO DAC
DECODE
MIX-MODE
FIFO PH1
FIFO PH2
FIFO PH0
2×
Figure 133. Digital Datapath of the AD9119/AD9129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com