Electronic Components Datasheet Search
  English  ▼

X  

AD9129BBC Datasheet(PDF) 64 Page - Analog Devices

Part # AD9129BBC
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBC Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9129BBC Datasheet HTML 60Page - Analog Devices AD9129BBC Datasheet HTML 61Page - Analog Devices AD9129BBC Datasheet HTML 62Page - Analog Devices AD9129BBC Datasheet HTML 63Page - Analog Devices AD9129BBC Datasheet HTML 64Page - Analog Devices AD9129BBC Datasheet HTML 65Page - Analog Devices AD9129BBC Datasheet HTML 66Page - Analog Devices AD9129BBC Datasheet HTML 67Page - Analog Devices AD9129BBC Datasheet HTML 68Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 64 of 68
Sample Error Detection (SED) Data Port 0 Falling Edge Status Low Register
Address: 0x55, Reset: 0x00, Name: SED Patt/Err F0L
Table 53. Bit Descriptions for SED Patt/Err F0L
Bits
Bit Name
Description
Reset
Access
[7:0]
SED Data Port 0 falling edge low part error bits
SED Data Port 0 falling edge error, Bits[7:0]
0x00
R
Sample Error Detection (SED) Data Port 0 Falling Edge Status High Register
Address: 0x56, Reset: 0x000, Name: SED Patt/Err F0H
Table 54. Bit Descriptions for SED Patt/Err F0H
Bits
Bit Name
Description
Reset
Access
[7:6]
Reserved
Reserved
0x0
R
[5:0]
SED Data Port 0 falling edge high part error bits
SED Data Port 0 falling edge error, Bits[13:8]
0x00
R
Sample Error Detection (SED) Data Port 1 Falling Edge Status Low Register
Address: 0x57, Reset: 0x00, Name: SED Patt/Err F1L
Table 55. Bit Descriptions for SED Patt/Err F1L
Bits
Bit Name
Description
Reset
Access
[7:0]
SED Data Port 1 falling edge low part error bits
SED Data Port 1 falling edge error, Bits[7:0]
0x00
R
Sample Error Detection (SED) Data Port 1 Falling Edge Status High Register
Address: 0x58, Reset: 0x00, Name: SED Patt/Err F1H
Table 56. Bit Descriptions for SED Patt/Err F1H
Bits
Bit Name
Description
Reset
Access
[7:6]
Reserved
Reserved
0x0
R
[5:0]
SED Data Port 1 falling edge high part error bits
SED Data Port 1 falling edge error, Bits[13:8]
0x00
R
Parity Control Register
Address: 0x5C, Reset: 0x00, Name: Parity Control
Table 57. Bit Descriptions for Parity Control
Bits
Bit Name
Description
Reset
Access
7
Parity enable
1: enables parity
0x00
R/W
6
Parity even
1: even parity; if the parity bit from the FRM_x pin = 1,
the number of 1s in the word is even
0: odd parity; if the parity bit from the FRM_x pin = 1,
the number of 1s in the word is odd
Note that the parity bit must be enabled in Register 0x07
0
R/W
5
Parity error clear
1: clears parity error counters
0
R/W
[4:2]
Reserved
Reserved
0x0
R
1
Parity error falling edge
1: signals detection of a falling edge parity error
0
R
0
Parity error rising edge
1: signals detection of a rising edge parity error
0
R
Parity Rising Edge Count Register
Address: 0x5D, Reset: 0x00, Name: Parity Err Rising
Table 58. Bit Descriptions for Parity Err Rising
Bits
Bit Name
Description
Reset
Access
[7:0]
Parity rising edge error count
Number of rising edge-based errors detected, clipped to 256
0x00
R
Parity Falling Edge Count Register
Address: 0x5E, Reset: 0x00, Name: Parity Err Falling
Table 59. Bit Descriptions for Parity Err Falling
Bits
Bit Name
Description
Reset
Access
[7:0]
Parity falling edge error count
Number of falling edge-based errors detected, clipped to 256
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com