Electronic Components Datasheet Search
  English  ▼

X  

AD9129BBC Datasheet(PDF) 60 Page - Analog Devices

Part # AD9129BBC
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBC Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9129BBC Datasheet HTML 56Page - Analog Devices AD9129BBC Datasheet HTML 57Page - Analog Devices AD9129BBC Datasheet HTML 58Page - Analog Devices AD9129BBC Datasheet HTML 59Page - Analog Devices AD9129BBC Datasheet HTML 60Page - Analog Devices AD9129BBC Datasheet HTML 61Page - Analog Devices AD9129BBC Datasheet HTML 62Page - Analog Devices AD9129BBC Datasheet HTML 63Page - Analog Devices AD9129BBC Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
AD9119/AD9129
Data Sheet
Rev. 0 | Page 60 of 68
FIFO Control Register
Address: 0x11, Reset: 0x00, Name: FIFO Ctrl
Table 31. Bit Descriptions for FIFO Ctrl
Bits
Bit Name
Description
Reset
Access
7
SPIFrmReq
Requests a SPI-based FIFO alignment (FIFO reset)
0
R/W
6
SPIFrmAck
Acknowledges SPIFrmReq change (tracks SPIFrmReq setting)
0
R/W
5
Enable pin framing
1: enables hardware pin-based FIFO framing
0
R/W
[4:1]
Reserved
Reserved
0x0
R
0
Phase report enable
1: enables FIFO phase reporting
0
R/W
FIFO Offset Register
Address: 0x12, Reset: 0x04, Name: FIFO Offset
Table 32. Bit Descriptions for FIFO Offset
Bits
Bit Name
Description
Reset
Access
7
Reserved
Reserved
0
R
[6:4]
RdPtrOff[2:0]
FIFO read pointer offset
0x0
R/W
3
Reserved
Reserved
0
R
[2:0]
WtPtrOff[2:0]
FIFO write pointer offset
0x4
R/W
FIFO Thermometer for Phase 0 Status Register
Address: 0x13, Reset: 0x00, Name: FIFO PH0 THRM
Table 33. Bit Descriptions for FIFO PH0 THRM
Bits
Bit Name
Description
Reset
Access
7
Reserved
Reserved
0
R
[6:0]
Phz0Thrm
Phase 0-based FIFO thermometer status. Phase 0 relative FIFO phasing, as 0000000b
to 1111111b, where 0000011b is considered the middle of the FIFO storage space.
0x00
R
FIFO Thermometer for Phase 1 Status Register
Address: 0x14, Reset: 0x00, Name: FIFO PH1 THRM
Table 34. Bit Descriptions for FIFO PH1 THRM
Bits
Bit Name
Description
Reset
Access
7
Reserved
Reserved
0
R
[6:0]
Phz1Thrm
Phase 1-based FIFO thermometer status. Phase 1 relative FIFO phasing, as 0000000b
to 1111111b, where 0000011b is considered the middle of the FIFO storage space.
0x00
R
FIFO Thermometer for Phase 2 Status Register
Address: 0x15, Reset: 0x00, Name: FIFO PH2 THRM
Table 35. Bit Descriptions for FIFO PH2 THRM
Bits
Bit Name
Description
Reset
Access
7
Reserved
Reserved
0
R
[6:0]
Phz2Thrm
Phase 2-based FIFO thermometer status. Phase 2 relative FIFO phasing, as 0000000b
to 1111111b, where 0000011b is considered the middle of the FIFO storage space.
0x00
R
FIFO Thermometer for Phase 3 Status Register
Address: 0x16, Reset: 0x00, Name: FIFO PH3 THRM
Table 36. Bit Descriptions for FIFO PH3 THRM
Bits
Bit Name
Description
Reset
Access
7
Reserved
Reserved
0
R
[6:0]
Phz3Thrm
Phase 3-based FIFO thermometer status. Phase 3 relative FIFO phasing, as 0000000b
to 1111111b, where 0000011b is considered the middle of the FIFO storage space.
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com