Electronic Components Datasheet Search
  English  ▼

X  

MAX2021 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2021 Datasheet HTML 3Page - Maxim Integrated Products MAX2021 Datasheet HTML 4Page - Maxim Integrated Products MAX2021 Datasheet HTML 5Page - Maxim Integrated Products MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products MAX2021 Datasheet HTML 10Page - Maxim Integrated Products MAX2021 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MAX2021
High-Dynamic-Range, Direct Up-/Downconversion
650MHz to 1200MHz Quadrature Mod/Demod
7
Maxim Integrated
OUTPUT IP3 vs. LO FREQUENCY
LO FREQUENCY (MHz)
1125
1050
975
900
825
15
20
25
30
10
750
1200
PLO = +3dBm
PLO = -3dBm
PLO = -6dBm
PLO = 0dBm
TC = +25°C
OUTPUT IP3
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
1.75
0
-1.75
21
22
23
24
25
26
20
-3.50
3.50
fLO = 900MHz, PLO = 0dBm
OUTPUT IP3
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
1.75
0
-1.75
21
22
23
24
25
26
20
-3.50
3.50
fLO = 1000MHz
OUTPUT IP2 vs. LO FREQUENCY
LO FREQUENCY (MHz)
1125
1050
975
900
825
50
60
70
80
40
750
1200
TC = +25°C
TC = -40°C
TC = +85°C
OUTPUT IP2 vs. LO FREQUENCY
LO FREQUENCY (MHz)
1125
1050
975
900
825
50
60
70
80
40
750
1200
VCC = 5.0V
VCC = 5.25V
VCC = 4.75V
OUTPUT IP2 vs. LO FREQUENCY
LO FREQUENCY (MHz)
1125
1050
975
900
825
50
60
70
80
40
750
1200
PLO = +3dBm
PLO = -6dBm
PLO = -3dBm
PLO = 0dBm
OUTPUT IP2
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
1.75
0
-1.75
60
65
70
75
80
55
-3.50
3.50
fLO = 900MHz
OUTPUT IP2
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
1.75
0
-1.75
60
55
65
70
50
-3.50
3.50
fLO = 1000MHz
MODULATOR OUTPUT POWER
vs. INPUT POWER
INPUT POWER (dBm)
19
16
25
22
13
10
5
0
15
20
-5
10
28
INPUT SPLIT BETWEEN I AND Q,
fIF = 25MHz, fLO = 900MHz
VCC = 4.75V, 5.0V, 5.25V
Typical Operating Characteristics (continued)
(MAX2021
Typical Application Circuit, VCC = 4.75V to 5.25V, GND = 0V, I/Q differential inputs driven from a 100Ω DC-coupled source,
0V common-mode input, PLO = 0dBm, 750MHz ≤ fLO ≤ 1200MHz, 50Ω LO and RF system impedance, R1 = 432Ω, R2 = 619Ω, R3 =
332Ω, TC = -40°C to +85°C. Typical values are at VCC = 5V, VBBI = 1.4VP-P differential, VBBQ = 1.4VP-P differential, fIQ = 1MHz,
fLO = 900MHz, TC = +25°C, unless otherwise noted.)
MODULATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com