Electronic Components Datasheet Search
  English  ▼

X  

MAX2021 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX2021 Datasheet HTML 12Page - Maxim Integrated Products MAX2021 Datasheet HTML 13Page - Maxim Integrated Products MAX2021 Datasheet HTML 14Page - Maxim Integrated Products MAX2021 Datasheet HTML 15Page - Maxim Integrated Products MAX2021 Datasheet HTML 16Page - Maxim Integrated Products MAX2021 Datasheet HTML 17Page - Maxim Integrated Products MAX2021 Datasheet HTML 18Page - Maxim Integrated Products MAX2021 Datasheet HTML 19Page - Maxim Integrated Products MAX2021 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MAX2021
High-Dynamic-Range, Direct Up-/Downconversion
650MHz to 1200MHz Quadrature Mod/Demod
18
Maxim Integrated
Chip Information
PROCESS: SiGe BiCMOS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TQFN
(6mm x 6mm)
15
16
17
18
27
26
25
24
23
22
21
20
19
36
35
34
33
32
31
30
29
28
Σ
BIAS
LO2
BIAS
LO1
90
°
0
°
BIAS
LO3
GND
BBI+
BBI-
GND
RF
GND
BBQ-
BBQ+
GND
GND
GND
+
RBIASLO3
VCCLOA
LO
GND
RBIASLO1
N.C.
RBIASLO2
MAX2021
EP
Pin Configuration/Functional Diagram
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
TQFN
T3666+2
21-0141
90-0049
Package Information
For the latest package outline information and land patterns (foot-
prints), go to www.maximintegrated.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but the
drawing pertains to the package regardless of RoHS status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com