Electronic Components Datasheet Search
  English  ▼

X  

MAX2021 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX2021 Datasheet HTML 12Page - Maxim Integrated Products MAX2021 Datasheet HTML 13Page - Maxim Integrated Products MAX2021 Datasheet HTML 14Page - Maxim Integrated Products MAX2021 Datasheet HTML 15Page - Maxim Integrated Products MAX2021 Datasheet HTML 16Page - Maxim Integrated Products MAX2021 Datasheet HTML 17Page - Maxim Integrated Products MAX2021 Datasheet HTML 18Page - Maxim Integrated Products MAX2021 Datasheet HTML 19Page - Maxim Integrated Products MAX2021 Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MAX2021
High-Dynamic-Range, Direct Up-/Downconversion
650MHz to 1200MHz Quadrature Mod/Demod
16
Maxim Integrated
Note: VCC = 5V, PLO = 0dBm, TA = +25°C, I/Q voltage levels = 1.4VP-P differential.
LO FREQ
(MHz)
RF FREQ
(MHz)
R1
(Ω
Ω
Ω
Ω)
R2
(Ω
Ω
Ω
Ω)
R3
(Ω
Ω
Ω
Ω)
ICC
(mA)
OIP3
(dBm)
LO LEAK
(dBm)
IMAGE REJ
(dBc)
OIP2
(dBm)
420
620
330
271
19.6
-32.1
23.9
50.5
453
665
360
253
21.9
-32.7
34.0
51.0
499
698
402
229
18.9
-33.7
30.0
52.6
549
806
464
205
15.7
-34.4
23.7
46.0
800
801.8
650
1000
550
173
13.6
-34.2
23.3
32.3
420
620
330
271
20.7
-31.4
43.4
54.0
453
665
360
253
21.6
-31.6
42.4
55.4
499
698
402
229
20.6
-31.8
42.7
59.8
549
806
464
205
19.0
-31.9
40.3
50.7
900
901.8
650
1000
550
173
14.9
-30.5
25.0
34.6
420
620
330
271
22.4
-32.8
39.3
55.5
453
665
360
253
22.2
-33.2
39.1
56.3
499
698
402
229
19.9
-33.8
43.5
55.0
549
806
464
205
17.6
-34.8
40.5
51.4
1000
1001.8
650
1000
550
173
14.6
-33.9
36.8
32.8
Table 1. Typical Performance Trade-Offs as a Function of Current Draw—Modulator Mode
Power-Supply Bypassing
Proper voltage-supply bypassing is essential for high-
frequency circuit stability. Bypass all VCC_ pins with
33pF and 0.1µF capacitors placed as close to the pins
as possible. The smallest capacitor should be placed
closest to the device.
To achieve optimum performance, use good voltage-
supply layout techniques. The MAX2021 has several
RF processing stages that use the various VCC_
pins, and while they have on-chip decoupling, off-
chip interaction between them may degrade gain, lin-
earity, carrier suppression, and output power-control
range. Excessive coupling between stages may
degrade stability.
Exposed Pad RF/Thermal Considerations
The EP of the MAX2021’s 36-pin TQFN-EP package
provides a low thermal-resistance path to the die. It is
important that the PCB on which the IC is mounted be
designed to conduct heat from this contact. In addition,
the EP provides a low-inductance RF ground path for
the device.
The exposed pad (EP) MUST be soldered to a ground
plane on the PCB either directly or through an array of
plated via holes. An array of 9 vias, in a 3 x 3 array, is
suggested. Soldering the pad to ground is critical for
efficient heat transfer. Use a solid ground plane wher-
ever possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com