Electronic Components Datasheet Search
  English  ▼

X  

MAX2021 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX2021 Datasheet HTML 10Page - Maxim Integrated Products MAX2021 Datasheet HTML 11Page - Maxim Integrated Products MAX2021 Datasheet HTML 12Page - Maxim Integrated Products MAX2021 Datasheet HTML 13Page - Maxim Integrated Products MAX2021 Datasheet HTML 14Page - Maxim Integrated Products MAX2021 Datasheet HTML 15Page - Maxim Integrated Products MAX2021 Datasheet HTML 16Page - Maxim Integrated Products MAX2021 Datasheet HTML 17Page - Maxim Integrated Products MAX2021 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MAX2021
High-Dynamic-Range, Direct Up-/Downconversion
650MHz to 1200MHz Quadrature Mod/Demod
14
Maxim Integrated
varying temperature, LO frequency, and baseband
drive conditions. See the
Typical Operating
Characteristics for details. Note that the resistor value is
chosen to be 100Ω with a corner frequency 1 / (2πRC)
selected to adequately filter the fLO and 2fLO leakage,
yet not affecting the flatness of the baseband response
at the highest baseband frequency. The common-
mode fLO and 2fLO signals at I+/I- and Q+/Q- effective-
ly see the RC networks and thus become terminated in
50Ω (R/2). The RC network provides a path for absorb-
ing the 2fLO and fLO leakage, while the inductor pro-
vides high impedance at fLO and 2fLO to help the
diplexing process.
RF Demodulator
The MAX2021 can also be used as an RF demodulator
(see Figure 3), downconverting an RF input signal
directly to baseband. The single-ended RF input
accepts signals from 650MHz to 1200MHz with power
levels up to +30dBm. The passive mixer architecture
produces a conversion loss of typically 9.2dB. The
downconverter is optimized for high linearity and
excellent noise performance, typically with a
+35.2dBm IIP3, a P1dB of greater than +30dBm, and a
9.3dB noise figure.
A wide I/Q port bandwidth allows the port to be used as
an image-reject mixer for downconversion to a quadra-
ture IF frequency.
The RF and LO inputs are internally matched to 50Ω.
Thus, no matching components are required, and only
DC-blocking capacitors are needed for interfacing.
Demodulator Output Port Considerations
Much like in the modulator case, the four baseband
ports require some form of DC return to establish a com-
mon mode that the on-chip circuitry drives. This can be
achieved by directly DC-coupling to the baseband ports
(staying within the ±3.5V common-mode range),
through an inductor to ground, or through a low-value
resistor to ground. Figure 4 shows a typical network that
would be used to connect to each baseband port for
demodulator operation. This network provides a com-
mon-mode DC return, implements a high-frequency
diplexer to terminate unwanted RF terms, and also pro-
vides an impedance transformation to a possible higher
impedance baseband amplifier.
The network Ca, Ra, La and Cb form a highpass/low-
pass network to terminate the high frequencies into a
load while passing the desired lower IF frequencies.
Elements La, Cb, Lb, Cc, Lc, and Cd provide a possible
impedance transformer. Depending on the impedance
being transformed and the desired bandwidth, a fewer
number of elements could be used. It is suggested that
La and Cb always be used since they are part of the
high frequency diplexer. If power matching is not a
concern then this would reduce the elements to just the
diplexer.
Resistor Rb provides a DC return to set the common
mode voltage. In this case, due to the on-chip circuitry,
the voltage would be approx 0V DC. It can also be
used to reduce the load impedance of the next stage.
Inductor Ld can provide a bit of high frequency gain
peaking for wideband IF systems. Capacitor Ce is a DC
block.
Typical values for Ca, Ra, La, and Cb would be 1.5pF,
50Ω, 11nH, and 4.7pF, respectively. These values can
change depending on the LO, RF, and IF frequencies
used. Resistor Rb is in the 50Ω to 200Ω range
The circuitry presented in Figure 4 does not allow for LO
leakage at RF port nulling. Depending on the LO at RF
leakage requirement, a trim voltage might need to be
introduced on the baseband ports to null the LO leakage.
ADC
90
0
RF
LO
MAX2021
DIPLEXER/
DC RETURN
MATCHING
ADC
DIPLEXER/
DC RETURN
MATCHING
Figure 3. MAX2021 Demodulator Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com