Electronic Components Datasheet Search
  English  ▼

X  

MAX2021 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2021 Datasheet HTML 1Page - Maxim Integrated Products MAX2021 Datasheet HTML 2Page - Maxim Integrated Products MAX2021 Datasheet HTML 3Page - Maxim Integrated Products MAX2021 Datasheet HTML 4Page - Maxim Integrated Products MAX2021 Datasheet HTML 5Page - Maxim Integrated Products MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MAX2021
High-Dynamic-Range, Direct Up-/Downconversion
650MHz to 1200MHz Quadrature Mod/Demod
3
Maxim Integrated
AC ELECTRICAL CHARACTERISTICS (Modulator)
(MAX2021
Typical Application Circuit, VCC = 4.75V to 5.25V, GND = 0V, I/Q differential inputs driven from a 100Ω DC-coupled source,
0V common-mode input, PLO = 0dBm, 750MHz ≤ fLO ≤ 1200MHz, 50Ω LO and RF system impedance, R1 = 432Ω, R2 = 619Ω, R3 =
332Ω, TC = -40°C to +85°C. Typical values are at VCC = 5V, VBBI = 1.4VP-P differential, VBBQ = 1.4VP-P differential, fIQ = 1MHz, fLO =
900MHz, TC = +25°C, unless otherwise noted.) (Note 6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BASEBAND INPUT
Baseband Input Differential Impedance
fIQ = 1MHz
53
BB Common-Mode Input Voltage
Range
-3.5
0
+3.5
V
LO INPUT
LO Input Return Loss
RF and IF terminated (Note 7)
12
dB
I/Q MIXER OUTPUTS
fLO = 900MHz
21.1
Output IP3
OIP3
fBB1 = 1.8MHz,
fBB2 = 1.9MHz
fLO = 1000MHz
22.3
dBm
Output IP2
OIP2
fBB1 = 1.8MHz, fBB2 = 1.9MHz
57.9
dBm
Output P1dB
fBB = 25MHz, PLO = 0dBm
16.7
dBm
Output Power
POUT
0.7
dBm
Output Power Variation Over
Temperature
TC = -40°C to +85°C
-0.016
dB/°C
Output-Power Flatness
Sweep fBB, PRF flatness for fBB from 1MHz
to 50MHz
0.15
dB
ACLR (1st Adjacent Channel
5MHz Offset)
Single-carrier WCDMA (Note 8)
65
dBc
LO Leakage
No external calibration, with each
baseband input terminated in 50
-32
dBm
PLO = 0dBm
30
39.6
Sideband Suppression
No external calibration,
fLO = 920MHz
PLO = -3dBm
43.5
dBc
Output Noise Density
Each baseband input terminated in 50
(Note 9)
-174
dBm/Hz
Output Noise Floor
POUT = 0dBm, fLO = 900MHz (Note 10)
-168
dBm/Hz
RF Return Loss
(Note 7)
15
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com