Electronic Components Datasheet Search
  English  ▼

X  

MAX2021 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2021 Datasheet HTML 1Page - Maxim Integrated Products MAX2021 Datasheet HTML 2Page - Maxim Integrated Products MAX2021 Datasheet HTML 3Page - Maxim Integrated Products MAX2021 Datasheet HTML 4Page - Maxim Integrated Products MAX2021 Datasheet HTML 5Page - Maxim Integrated Products MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MAX2021
High-Dynamic-Range, Direct Up-/Downconversion
650MHz to 1200MHz Quadrature Mod/Demod
5
Maxim Integrated
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fRF1 = 780MHz, fRF2 = 781MHz,
PRF1 = PRF2 = 0dBm, fIF1 = 185MHz,
fIF2 = 184MHz, fIF1+ fIF2 term
70.1
Input Second-Order Intercept
Point
IIP2
fRF1 = 780MHz, fRF2 = 735MHz,
PRF1 = PRF2 = 0dBm, fIF1 = 185MHz,
fIF2 = 230MHz, fIF1+ fIF2 term
70.2
dBm
2LO - 2RF, fRF = 872.5MHz, PRF = -10dBm
84
3LO - 3RF, fRF = 903.333MHz, PRF = -10dBm
99
3RF - 2LO, fRF = 705MHz, PRF = -10dBm
105
4RF - 3LO, fRF = 770MHz, PRF = -10dBm
114
Spurious Relative to a
Fundamental at 780MHz
5RF - 4LO, fRF = 809MHz, PRF = -10dBm
115
dBc
Input Compression from Linear
PRF = 0dBm to 21dBm
0.17
dB
I/Q Gain Mismatch
0.05
dB
I/Q Phase Mismatch
0.4
Degrees
1dB Conversion Loss Flatness
fLO = 965MHz, fLO > fRF
400
MHz
RF Return Loss
17
dB
LO Return Loss
12
dB
Note 5:
Recommended functional range. Not production tested. Operation outside this range is possible, but with degraded
performance of some parameters.
Note 6:
Guaranteed by design and characterization.
Note 7:
Parameter also applies to demodulator topology.
Note 8:
Single-carrier WCDMA with 10.5dB peak-to-average ratio at 0.1% complementary cumulative distribution function,
PRF = -10dBm (PRF is chosen to give -65dBc ACLR).
Note 9:
No baseband drive input. Measured with the inputs terminated in 50
Ω. At low output levels, the output noise is thermal.
Note 10: The output noise versus POUT curve has the slope of LO noise (Ln dBc/Hz) due to reciprocal mixing.
Note 11: Conversion loss is measured from the single-ended RF input to single-ended combined baseband output.
Note 12: The LO noise (L = 10(Ln/10)), determined from the modulator measurements can be used to deduce the noise figure
under-blocking at operating temperature (Tp in Kelvin), FBLOCK = 1 + (Lcn - 1) Tp / To + LPBLOCK / (1000kTo), where
To = 290K, PBLOCK in mW, k is Boltzmann’s constant = 1.381 x 10(-23) J/K, and Lcn = 10(Lc/10), Lc is the conversion loss.
Noise figure under-blocking in dB is NFBLOCK = 10 x log (FBLOCK). Refer to Application Note 3632: Wideband LO Noise in
Passive Transmit-Receive Mixer ICs.
AC ELECTRICAL CHARACTERISTICS (Demodulator LO = 965MHz) (continued)
(
Typical Application Circuit when operated as a demodulator. I/Q outputs are recombined using network shown in Figure 5. Losses of
combining network not included in measurements. RF and LO ports are driven from 50
Ω sources. Typical values are for TA = +25°C,
VCC = 5.0V, I/Q DC voltage return = 0V, PRF = 0dBm, PLO = 0dBm, fRF = 780MHz, fLO = 965MHz, fIF = 185MHz, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com