Electronic Components Datasheet Search
  English  ▼

X  

MAX2021 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2021
Description  High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2021 Datasheet HTML 1Page - Maxim Integrated Products MAX2021 Datasheet HTML 2Page - Maxim Integrated Products MAX2021 Datasheet HTML 3Page - Maxim Integrated Products MAX2021 Datasheet HTML 4Page - Maxim Integrated Products MAX2021 Datasheet HTML 5Page - Maxim Integrated Products MAX2021 Datasheet HTML 6Page - Maxim Integrated Products MAX2021 Datasheet HTML 7Page - Maxim Integrated Products MAX2021 Datasheet HTML 8Page - Maxim Integrated Products MAX2021 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MAX2021
High-Dynamic-Range, Direct Up-/Downconversion
650MHz to 1200MHz Quadrature Mod/Demod
EVALUATION KIT AVAILABLE
19-3918; Rev 2; 4/13
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.
General Description
The MAX2021 low-noise, high-linearity, direct upcon-
version/downconversion quadrature modulator/demod-
ulator is designed for RFID handheld and portal
readers, as well as single and multicarrier 650MHz to
1200MHz GSM/EDGE, cdma2000®, WCDMA, and
iDEN® base-station applications. Direct conversion
architectures are advantageous since they significantly
reduce transmitter or receiver cost, part count, and
power consumption as compared to traditional IF-based
double conversion systems.
In addition to offering excellent linearity and noise perfor-
mance, the MAX2021 also yields a high level of compo-
nent integration. This device includes two matched
passive mixers for modulating or demodulating in-phase
and quadrature signals, two LO mixer amplifier drivers,
and an LO quadrature splitter. On-chip baluns are also
integrated to allow for single-ended RF and LO connec-
tions. As an added feature, the baseband inputs have
been matched to allow for direct interfacing to the trans-
mit DAC, thereby eliminating the need for costly I/Q
buffer amplifiers.
The MAX2021 operates from a single +5V supply. It is
available in a compact 36-pin TQFN package (6mm x
6mm) with an exposed pad. Electrical performance is
guaranteed over the extended -40°C to +85°C temper-
ature range.
Applications
RFID Handheld and Portal Readers
Single and Multicarrier WCDMA 850 Base Stations
Single and Multicarrier cdmaOne™ and cdma2000
Base Stations
GSM 850/GSM 900 EDGE Base Stations
Predistortion Transmitters and Receivers
WiMAX Transmitters and Receivers
Fixed Broadband Wireless Access
Military Systems
Microwave Links
Digital and Spread-Spectrum Communication Systems
Video-on-Demand (VOD) and DOCSIS Compliant
Edge QAM Modulation
Cable Modem Termination Systems (CMTS)
Features
♦ 650MHz to 1200MHz RF Frequency Range
♦ Scalable Power: External Current-Setting
Resistors Provide Option for Operating Device in
Reduced-Power/Reduced-Performance Mode
♦ 36-Pin, 6mm x 6mm TQFN Provides High Isolation
in a Small Package
Modulator Operation:
♦ Meets 4-Carrier WCDMA 65dBc ACLR
♦ +21dBm Typical OIP3
♦ +58dBm Typical OIP2
♦ +16.7dBm Typical OP1dB
♦ -32dBm Typical LO Leakage
♦ 43.5dBc Typical Sideband Suppression
♦ -174dBm/Hz Output Noise Density
♦ DC to 550MHz Baseband Input Allows a Direct
Launch DAC Interface, Eliminating the Need for
Costly I/Q Buffer Amplifiers
♦ DC-Coupled Input Allows Ability for Customer
Offset Voltage Control
Demodulator Operation:
♦ +35.2dBm Typical IIP3
♦ +76dBm Typical IIP2
♦ > 30dBm IP1dB
♦ 9.2dB Typical Conversion Loss
♦ 9.3dB Typical NF
♦ 0.06dB Typical I/Q Gain Imbalance
♦ 0.15° I/Q Typical Phase Imbalance
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX2021ETX+
-40°C to +85°C
36 TQFN-EP*
(6mm x 6mm)
MAX2021ETX+T
-40°C to +85°C
36 TQFN-EP*
(6mm x 6mm)
+
Denotes a lead(Pb)-free/RoHS-compliant package.
*
EP = Exposed pad.
T = Tape and reel.
cdma2000 is a registered certification mark and registered service mark of the Telecommunications Industry Association.
iDEN is a registered trademark of Motorola Trademark Holdings, LLC.
cdmaOne is a trademark of CDMA Development Group.


Similar Part No. - MAX2021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2021 MAXIM-MAX2021 Datasheet
237Kb / 14P
High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
MAX2021 MAXIM-MAX2021 Datasheet
809Kb / 15P
700MHz to 1200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 6/06
MAX2021 MAXIM-MAX2021 Datasheet
789Kb / 14P
1700MHz to 2200MHz High-Linearity, SPI-Controlled DVGA with Integrated Loopback Mixer
Rev 0; 7/06
MAX2021 MAXIM-MAX2021 Datasheet
248Kb / 8P
Evaluation Kit
Rev 0; 10/06
MAX2021ETX MAXIM-MAX2021ETX Datasheet
237Kb / 14P
High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
More results

Similar Description - MAX2021

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2700 MAXIM-MAX2700 Datasheet
328Kb / 28P
1.8GHz to 2.5GHz Direct Downconversion Receivers
Rev 0; 4/00
MAX2022 MAXIM-MAX2022 Datasheet
293Kb / 14P
High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator
Rev 0; 4/05
MAX2021 MAXIM-MAX2021 Datasheet
237Kb / 14P
High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Rev 0; 3/06
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
MAX2031 MAXIM-MAX2031_09 Datasheet
1Mb / 20P
High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 1; 6/09
MAX2032 MAXIM-MAX2032 Datasheet
1Mb / 19P
High-Linearity, 650MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch
Rev 0; 9/09
MAX2023_V1 MAXIM-MAX2023_V1 Datasheet
476Kb / 18P
High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
logo
Texas Instruments
TRF371109 TI1-TRF371109 Datasheet
1Mb / 47P
Direct Downconversion Receiver
logo
Maxim Integrated Produc...
MAX2022 MAXIM-MAX2022_12 Datasheet
2Mb / 20P
High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
Rev 1; 9/12
MAX2022 MAXIM-MAX2022_V01 Datasheet
1Mb / 26P
High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com