Electronic Components Datasheet Search
  English  ▼

X  

AD9789BBC Datasheet(PDF) 32 Page - Analog Devices

Part # AD9789BBC
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBC Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9789BBC Datasheet HTML 28Page - Analog Devices AD9789BBC Datasheet HTML 29Page - Analog Devices AD9789BBC Datasheet HTML 30Page - Analog Devices AD9789BBC Datasheet HTML 31Page - Analog Devices AD9789BBC Datasheet HTML 32Page - Analog Devices AD9789BBC Datasheet HTML 33Page - Analog Devices AD9789BBC Datasheet HTML 34Page - Analog Devices AD9789BBC Datasheet HTML 35Page - Analog Devices AD9789BBC Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
AD9789
Rev. A | Page 32 of 76
The three NCO 0 frequency tuning word registers together compose the 24-bit frequency tuning word for NCO 0. For more information
about programming these registers, see the Baseband Digital Upconverter section.
Table 22. NCO 0 Frequency Tuning Word Registers (Address 0x0A to Address 0x0C)
Address
Bit Name
Description
0x0A
FTW0[7:0]
Frequency tuning word for NCO 0, Bits[7:0]
0x0B
FTW0[15:8]
Frequency tuning word for NCO 0, Bits[15:8]
0x0C
FTW0[23:16]
Frequency tuning word for NCO 0, Bits[23:16]
The three NCO 1 frequency tuning word registers together compose the 24-bit frequency tuning word for NCO 1. For more information
about programming these registers, see the Baseband Digital Upconverter section.
Table 23. NCO 1 Frequency Tuning Word Registers (Address 0x0D to Address 0x0F)
Address
Bit Name
Description
0x0D
FTW1[7:0]
Frequency tuning word for NCO 1, Bits[7:0]
0x0E
FTW1[15:8]
Frequency tuning word for NCO 1, Bits[15:8]
0x0F
FTW1[23:16]
Frequency tuning word for NCO 1, Bits[23:16]
The three NCO 2 frequency tuning word registers together compose the 24-bit frequency tuning word for NCO 2. For more information
about programming these registers, see the Baseband Digital Upconverter section.
Table 24. NCO 2 Frequency Tuning Word Registers (Address 0x10 to Address 0x12)
Address
Bit Name
Description
0x10
FTW2[7:0]
Frequency tuning word for NCO 2, Bits[7:0]
0x11
FTW2[15:8]
Frequency tuning word for NCO 2, Bits[15:8]
0x12
FTW2[23:16]
Frequency tuning word for NCO 2, Bits[23:16]
The three NCO 3 frequency tuning word registers together compose the 24-bit frequency tuning word for NCO 3. For more information
about programming these registers, see the Baseband Digital Upconverter section.
Table 25. NCO 3 Frequency Tuning Word Registers (Address 0x13 to Address 0x15)
Address
Bit Name
Description
0x13
FTW3[7:0]
Frequency tuning word for NCO 3, Bits[7:0]
0x14
FTW3[15:8]
Frequency tuning word for NCO 3, Bits[15:8]
0x15
FTW3[23:16]
Frequency tuning word for NCO 3, Bits[23:16]
The three rate converter denominator (Q) registers together compose the 24-bit denominator for the rate converter decimation ratio. For
more information about programming these registers, see the Sample Rate Converter section.
Table 26. Rate Converter Denominator (Q) Registers (Address 0x16 to Address 0x18)
Address
Bit Name
Description
0x16
Q[7:0]
Rate converter denominator, Bits[7:0]
0x17
Q[15:8]
Rate converter denominator, Bits[15:8]
0x18
Q[23:16]
Rate converter denominator, Bits[23:16]
The three rate converter numerator (P) registers together compose the 24-bit numerator for the rate converter decimation ratio. For more
information about programming these registers, see the Sample Rate Converter section.
Table 27. Rate Converter Numerator (P) Registers (Address 0x19 to Address 0x1B)
Address
Bit Name
Description
0x19
P[7:0]
Rate converter numerator, Bits[7:0]
0x1A
P[15:8]
Rate converter numerator, Bits[15:8]
0x1B
P[23:16]
Rate converter numerator, Bits[23:16]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com