Electronic Components Datasheet Search
  English  ▼

X  

AD9789BBC Datasheet(PDF) 22 Page - Analog Devices

Part # AD9789BBC
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBC Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9789BBC Datasheet HTML 18Page - Analog Devices AD9789BBC Datasheet HTML 19Page - Analog Devices AD9789BBC Datasheet HTML 20Page - Analog Devices AD9789BBC Datasheet HTML 21Page - Analog Devices AD9789BBC Datasheet HTML 22Page - Analog Devices AD9789BBC Datasheet HTML 23Page - Analog Devices AD9789BBC Datasheet HTML 24Page - Analog Devices AD9789BBC Datasheet HTML 25Page - Analog Devices AD9789BBC Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
AD9789
Rev. A | Page 22 of 76
TERMINOLOGY
Monotonicity
A DAC is monotonic if the output either increases or remains
constant as the digital input increases.
Offset Error
Offset error is the deviation of the output current from the ideal
of 0. For IOUTP, 0 mA output is expected when all inputs are
set to 0. For IOUTN, 0 mA output is expected when all inputs
are set to 1.
Gain Error
Gain error is the difference between the actual and ideal output
span. The actual span is determined by the output when all inputs
are set to 1s minus the output when all inputs are set to 0s.
Temperature Drift
Temperature drift is specified as the maximum change from the
ambient (25°C) value to the value at either TMIN or TMAX. For offset,
gain, and reference drift, the drift is reported in ppm per °C.
Power Supply Rejection (PSR)
PSR is the maximum change in the full-scale output as the
supplies are varied from nominal to minimum and maximum
specified voltages.
Output Compliance Range
The output compliance range is the range of allowable voltage
at the output of a current output DAC. Operation beyond the
maximum compliance limits may cause either output stage
saturation or breakdown, resulting in nonlinear performance.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in dB, between the peak amplitude of
the output signal and the peak spurious signal over the specified
bandwidth.
Noise Spectral Density (NSD)
NSD is the converter noise power per unit of bandwidth. NSD
is usually specified in dBm/Hz in the presence of a 0 dBm full-
scale signal.
Adjacent Channel Leakage Ratio (ACLR)
The adjacent channel leakage (power) ratio is the ratio, in dBc,
between the measured power within a channel relative to its
adjacent channels.
Modulation Error Ratio (MER)
Modulated signals create a discrete set of output values referred
to as a constellation. Each symbol creates an output signal corre-
sponding to one point on the constellation. MER is a measure
of the discrepancy between the average output symbol magnitude
and the rms error magnitude of the individual symbol.
Intermodulation Distortion (IMD)
IMD is the result of two or more signals at different frequencies
mixing together. Many products are created according to the
formula af1 ± bf2, where a and b are integer values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com