Electronic Components Datasheet Search
  English  ▼

X  

AD9789BBC Datasheet(PDF) 3 Page - Analog Devices

Part # AD9789BBC
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBC Datasheet(HTML) 3 Page - Analog Devices

  AD9789BBC Datasheet HTML 1Page - Analog Devices AD9789BBC Datasheet HTML 2Page - Analog Devices AD9789BBC Datasheet HTML 3Page - Analog Devices AD9789BBC Datasheet HTML 4Page - Analog Devices AD9789BBC Datasheet HTML 5Page - Analog Devices AD9789BBC Datasheet HTML 6Page - Analog Devices AD9789BBC Datasheet HTML 7Page - Analog Devices AD9789BBC Datasheet HTML 8Page - Analog Devices AD9789BBC Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
AD9789
Rev. A | Page 3 of 76
DETAILED FUNCTIONAL BLOCK DIAGRAMS
CLK
CTL
DATA-
PATH
0
DATA-
PATH
1
DATA-
PATH
2
DATA-
PATH
3
UP TO
32 BITS
CMOS
0TO 15
LVDS
RISE
CMOS
16 TO 31
LVDS
FALL
UP TO
32 BITS
UP TO
32 BITS
UP TO
32 BITS
32 INPUT
PINS
P0
P1
FS
DCO
SUM
SCALE
BPF
fC
4TO
32 BITS
16×
INTERPOLATOR
BPF
fC = 0 TO
fDAC/2
RETIMER
LVDS/CMOS
DATA FORMATTER/
ASSEMBLER
Figure 2. Digital Signal Processing Functional Block Diagram
BYPASS
QAM
INPUT
SCALE
24-BIT NCO
0TO
fDAC/16
2N
(N = 0 TO 5)
(P/Q = 0.5 TO 1)
RATE
CONVERTER
P/Q 24-BIT
CH GAIN
0× TO 2×
SRRC
2
BYPASS
SRRC
QAM
MAPPER
Figure 3. Channel 0 Through Channel 3 Datapath Block Detail (I and Q Paths Are Identical So Only One Is Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com