Electronic Components Datasheet Search
  English  ▼

X  

AD9789BBC Datasheet(PDF) 62 Page - Analog Devices

Part # AD9789BBC
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBC Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9789BBC Datasheet HTML 58Page - Analog Devices AD9789BBC Datasheet HTML 59Page - Analog Devices AD9789BBC Datasheet HTML 60Page - Analog Devices AD9789BBC Datasheet HTML 61Page - Analog Devices AD9789BBC Datasheet HTML 62Page - Analog Devices AD9789BBC Datasheet HTML 63Page - Analog Devices AD9789BBC Datasheet HTML 64Page - Analog Devices AD9789BBC Datasheet HTML 65Page - Analog Devices AD9789BBC Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
AD9789
Rev. A | Page 62 of 76
RECOMMENDED START-UP SEQUENCE
The steps necessary to optimize the performance of the part and generate an output waveform are listed in Table 79.
Table 79. Recommended System Start-Up Sequence
Step
Description
Register
Data
0
Power up the AD9789.
0
Apply the clock.
1
Enable the clock receiver and set the clock CML.
0x32
0x9E
1
Enable duty cycle correction.
0x30
0x80
2
0x24
0x00
3
Enable digital clocks.
0x24
0x80
4
0x2F
0xCE
4
0x33
0x42
4
0x39
0x4E
4
Set up mu controller.
0x3A
0x6C
5
Disable all interrupts.
0x03
0x00
6
Clear all interrupts.
0x04
0xFE
7
Enable mu control interrupts.
0x03
0x0C
8
Enable mu delay controller.
0x33
0x43
9
Set up digital datapath.
0x06 to 0x15
9
Set up rate converter.
0x16 to 0x1B
9
Set up BPF center frequency.
0x1C to 0x1D
9
Set up interface.
0x20 to 0x23
9
Set up channel gains.
0x25 to 0x28
9
Set up spectral invert.
0x29
9
Set up full-scale current.
0x3C to 0x3D
10
Wait until mu delay controller is locked (SPI read)1.
0x04
0x08
11
Update rate converter and BPF.
0x1E
0x80
12
0x24
0x00
13
Update interface clocks.
0x24
0x80
14
Enable channels.
0x05
15
Enable other interrupts if desired.
0x03
1 Typical lock time of the mu controller is approximately 180,000 DAC cycles (at 2 GSPS, ~75 μs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com