Electronic Components Datasheet Search
  English  ▼

X  

AD9789BBC Datasheet(PDF) 44 Page - Analog Devices

Part # AD9789BBC
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBC Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9789BBC Datasheet HTML 40Page - Analog Devices AD9789BBC Datasheet HTML 41Page - Analog Devices AD9789BBC Datasheet HTML 42Page - Analog Devices AD9789BBC Datasheet HTML 43Page - Analog Devices AD9789BBC Datasheet HTML 44Page - Analog Devices AD9789BBC Datasheet HTML 45Page - Analog Devices AD9789BBC Datasheet HTML 46Page - Analog Devices AD9789BBC Datasheet HTML 47Page - Analog Devices AD9789BBC Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
AD9789
Rev. A | Page 44 of 76
Table 54 shows recommended sum scale values for each QAM
mapper mode. The criteria used to determine the recommended
sum scale values were MER/EVM measurements and spectral
purity. Because clipping results in impulsive noise, it can be
observed in the output spectrum as a transient increase in the
output noise floor. These sum scale values were chosen such
that the transient increases in the noise floor were minimal.
These tests were completed for one, two, three, and four carrier
outputs at approximately 850 MHz. Because clipping can occur
in the RF chain following the DAC, further verification of these
values should be performed at the system level by adding BER
tests to the sum scale selection criteria.
Table 54. Recommended Sum Scale Values for all QAM
Mapper Modes and Channel Count
QAM
Mode
Sum Scale Value (Decimal)
1 Channel
2 Channels
3 Channels
4 Channels
DVB-C
16-QAM
48
28
22
16
DVB-C
32-QAM
54
34
26
20
DVB-C
64-QAM
54
34
26
20
DVB-C
128-QAM
80
50
38
30
DVB-C
256-QAM
54
34
26
20
DOCSIS
64-QAM
54
34
26
20
DOCSIS
256-QAM
54
34
26
20
Digital 16× Tunable Band-Pass Filter
The digital band-pass filter works in conjunction with a fixed
16× interpolator (see Figure 88). The 16× interpolation filter
creates 16 images of the baseband signal in the Nyquist band
of the DAC. The digital band-pass filter must then be tuned to
reject the 15 undesired images. The center frequency of the
band-pass filter can be placed anywhere from dc to fDAC/2. The
tuning word for the band-pass filter center frequency can be
calculated as follows:
1
2
_
_
16
DAC
CENTER
f
f
Freq
Center
BPF
The resulting tuning word is a 16-bit value where the most
significant byte is written to Register 0x1D[7:0] and the least
significant byte is written to Register 0x1C[7:0].
16
fC
16
Figure 88. Conceptual Block Diagram of 16× Tunable Band-Pass Filter
The width of the filter’s stop band is fixed at approximately
fDAC/64. The effective FLAT pass band is fDAC/64. As can be
inferred from Figure 89 to Figure 91, mistuning of the BPF
center frequency can result in unwanted images appearing. Care
should be taken to appropriately filter the desired signal with
the interpolation filters prior to the input of the BPF..
0
–20
–40
–60
–80
–100
0
0.5
1.0
1.5
2.0
FREQUENCY (GHz)
Figure 89. Band-Pass Filter Response at 200 MHz, fDAC = 2.4 GHz
0
–20
–40
–60
–80
–100
0
0.5
1.0
1.5
2.0
FREQUENCY (GHz)
Figure 90. Band-Pass Filter Response at 1 GHz, fDAC = 2.4 GHz
0
–2
–4
–6
–8
–10
020
40
60
80
FREQUENCY (MHz)
Figure 91. Band-Pass Filter Pass-Band Detail, fDAC = 2.4 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com