Electronic Components Datasheet Search
  English  ▼

X  

AD9789BBC Datasheet(PDF) 68 Page - Analog Devices

Part # AD9789BBC
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBC Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9789BBC Datasheet HTML 64Page - Analog Devices AD9789BBC Datasheet HTML 65Page - Analog Devices AD9789BBC Datasheet HTML 66Page - Analog Devices AD9789BBC Datasheet HTML 67Page - Analog Devices AD9789BBC Datasheet HTML 68Page - Analog Devices AD9789BBC Datasheet HTML 69Page - Analog Devices AD9789BBC Datasheet HTML 70Page - Analog Devices AD9789BBC Datasheet HTML 71Page - Analog Devices AD9789BBC Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 76 page
background image
AD9789
Rev. A | Page 68 of 76
CHANNELIZER MODE PIN MAPPING FOR CMOS AND LVDS
Table 93 lists the available combinations of data input configu-
ration parameters when the AD9789 is in channelizer mode.
Many of these configurations require multiple clocks to load all
channels. All of these configurations are described in detail in
Table 96 and Table 97.
Table 94 and Table 95, along with Figure 128 and Figure 129,
describe CMOS and LVDS data input pin mapping. CMOS
mode is always single data rate and samples on the rising edge
of DSC. LVDS mode is single data rate (SDR) for bus widths
of 4 bits through 16 bits and double data rate (DDR) for a bus
width of 32 bits.
Table 93. Data Input Configurations for Channelizer Mode
Bus Width
Data Width
Data Format
4
8
Real
4
8
Complex
8
8
Real
8
8
Complex
8
16
Complex
16
8
Real
16
8
Complex
16
16
Complex
32
8
Real
32
8
Complex
32
16
Complex
Table 94. CMOS Pin Assignments for Various Interface Widths
Interface Width
Pin Assignments
BUSWDTH[1:0]
4 bits
D[3:0]
00
8 bits
D[7:0]
01
16 bits
D[15:0]
10
32 bits
D[31:0]
11
Table 95. LVDS Pin Assignments for Various Interface Widths
Interface Width
Pin Assignments
BUSWDTH[1:0]
4 bits
D[3:0]P, D[3:0]N
00
8 bits
D[7:0]P, D[7:0]N
01
16 bits
D[15:0]P, D[15:0]N
10
32 bits
D[15:0]P, D[15:0]N rising
edge and falling edge
11
A
M
N
P
L
K
B
C
D
CMOS_BUS
CMOS_CTRL
CMOS_FS
CMOS_DCO
J
E
F
H
G
11
13
12
11
10
89
7
6
5
24
3
4
P1
31 27 23 19 15 11
7
3
P0
30 26 22 18 14 10
6
2
29 25 21 17 13
9
5
1
28 24 20 16 12
8
4
0
BU
CT
FS
DC
D[31:0] CMOS DATA INPUTS
PARITY AND CONTROL INPUTS
Figure 128. CMOS Data Input Pin Mapping
A
M
PARN
PARP
N
P
L
K
B
C
D
FSP
FSN
DCOP
DCON
J
E
F
H
G
11
13
12
11
10
89
7
6
5
24
3
4
P+
15 13 11
9
7
53
1
P–
15 13 11
9
7
53
1
14 12 10
8
6
4
2
0
14 12 10
8
6
4
2
0
FS
FS
DC
DC
+LVDS
14
14 –LVDS
Figure 129. LVDS Data Input Pin Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com