Electronic Components Datasheet Search
  English  ▼

X  

AD9789BBC Datasheet(PDF) 39 Page - Analog Devices

Part # AD9789BBC
Description  14-Bit, 2400 MSPS RF DAC with 4-Channel Signal Processing
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9789BBC Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9789BBC Datasheet HTML 35Page - Analog Devices AD9789BBC Datasheet HTML 36Page - Analog Devices AD9789BBC Datasheet HTML 37Page - Analog Devices AD9789BBC Datasheet HTML 38Page - Analog Devices AD9789BBC Datasheet HTML 39Page - Analog Devices AD9789BBC Datasheet HTML 40Page - Analog Devices AD9789BBC Datasheet HTML 41Page - Analog Devices AD9789BBC Datasheet HTML 42Page - Analog Devices AD9789BBC Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
AD9789
Rev. A | Page 39 of 76
THEORY OF OPERATION
QAM Encoder
The AD9789 is a flexible digital signal processing (DSP) engine
combined with a high performance, 2400 MSPS, 14-bit DAC
(Figure 70). The DSP blocks include a QAM encoder, a 2×
upsampling square root raised cosine (SRRC) filter, selectable
interpolation from 16× to 512×, a rate converter, and a complex
modulator. The digital interface can accept up to four channels
of complex data. The QAM encoder supports constellation sizes
of 16, 32, 64, 128, and 256. The on-chip rate converter allows
fine resolution of baud rates with a fixed DAC sampling clock.
The digital upconverters can place the input signals from dc to
0.5 × fDAC. An analog mix mode extends the output spectrum
into the second and third DAC Nyquist zones.
The QAM encoder supports seven different standards-compliant
mappings. (For illustrations of the supported mappings, see the
QAM Constellation Maps section.) The QAM encoder receives
input data-words of 8 bits in width and maps them into 16, 32,
64, 128, or 256 point constellations. It outputs 5-bit complex
QAM modulated samples. The mode in which the QAM
encoder runs is selected via the QAM/SRRC configuration
register (Register 0x07[2:0]).
QAM
ENCODER
5
8
5
I
Q
FROM INPUT
INTERFACE
Control of the AD9789 functions is via a serial peripheral
interface (SPI).
Figure 72. QAM Encoder I/O
Table 50 lists the available QAM mapper modes along with the
corresponding input bits and output range. The operation of the
QAM encoder when configured in DOCSIS 64-QAM mode is
described in this section. The operation of the QAM encoder in
the other modes is conceptually the same; only the input data
bit encoding and scale factors are different.
DATA
DATA
DATA
QAM/
FILTER/
NCO
QAM/
FILTER/
NCO
QAM/
FILTER/
NCO
QAM/
FILTER/
NCO
32 INPUT
PINS
AND
2 PARITY
PINS
DCO
FS
16×
INTERPOLATOR
AND BPF
+ SCALARS
14-BIT
2.4GSPS
DAC
SPI
IRQ RS
DATA
CMOS
0TO 15
LVDS
RISE
CMOS
16 TO 31
LVDS
FALL
The DOCSIS 64-QAM constellation diagram is shown in
Figure 73. The constellation diagram shows how the QAM
encoder input is mapped into the QAM constellation. For
example, an input data-word of 111111 maps to the constellation
point in the upper right corner of the 64-QAM constellation.
Figure 70. Top Level Functional Block Diagram
DATAPATH SIGNAL PROCESSING
110,111 111,011 010,111 011,011 100,101 101,111 110,101 111,111
110,100 111,000 010,100 011,000 100,000 101,010 110,000 111,010
100,111 101,011 000,111 001,011 000,101 001,111 010,101 011,111
100,100 101,000 000,100 001,000 000,000 001,010 010,000 011,010
010,011 011,001 000,011 001,001 000,001 001,101 100,001 101,101
010,110 011,100 000,110 001,100 000,010 001,110 100,010 101,110
110,011 111,001 100,011 101,001 010,001 011,101 110,001 111,101
110,110 111,100 100,110 101,100 010,010 011,110 110,010 111,110
I
Q
C5 C4 C3, C2 C1 C0
The DSP blocks included on the AD9789 can be grouped into
two sections. The first is the datapath signal processing. Four
identical datapaths, or channels, can be used. A block diagram
of a single channel is shown in Figure 71. Enabling and disabling
each DSP block within the datapath takes effect on all channels.
There is independent control of the scaling and the frequency
placement of each channel.
2N
(N = 0 TO 5)
(P/Q = 0.5 TO 1)
RATE
CONVERTER
P/Q 24-BIT
CH GAIN
0× TO 2×
24-BIT NCO
0TO
fDAC/16
SRRC
2
BYPASS
SRRC
BYPASS
QAM
INSCALE
QAM
MAPPER
Figure 71. Datapath Block Diagram
The following sections describe each of the DSP blocks
included in the datapath.
Figure 73. DOCSIS 64-QAM Constellation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com