Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVT
Description  Transformer Driver for Isolated Power Supplies
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 14Page - Texas Instruments SN6501DBVT Datasheet HTML 15Page - Texas Instruments SN6501DBVT Datasheet HTML 16Page - Texas Instruments SN6501DBVT Datasheet HTML 17Page - Texas Instruments SN6501DBVT Datasheet HTML 18Page - Texas Instruments SN6501DBVT Datasheet HTML 19Page - Texas Instruments SN6501DBVT Datasheet HTML 20Page - Texas Instruments SN6501DBVT Datasheet HTML 21Page - Texas Instruments SN6501DBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
1 F
µ
V
IN
MBR0520L
MBR0520L
T1
3
1
SN6501
5
2
4
TP1
0.1µF
D2
D1
V
CC
GND
GND
1
5
4
3
10 µF
0.1 µF
VIN
10µF
MBR0520L
MBR0520L
T1
10 µF
3
1
SN6501
5
2
4
LDO
2
TP 1
TP 2
VOUT
0.1µF
D2
D1
Vcc
GND
GND
IN
EN
NC
OUT
GND
min
0.2V + 0.2V + 5.175 V
n
= 1.031
= 2
3.234 V
3 Ω
150 mA
´
-
´
F-max
DO-max
O-max
min
IN-min
DS-max
D-max
V
+ V
+ V
n
= 1.031
V
R
I
´
-
´
SN6501
SLLSEA0E – FEBRUARY 2012 – REVISED JANUARY 2013
www.ti.com
Then calculating the available minimum primary voltage, VP-min, involves subtracting the maximum possible drain-
source voltage of the SN6501, VDS-max, from the minimum converter input voltage VIN-min:
VP-min = VIN-min – VDS-max
(5)
VDS-max however, is the product of the maximum RDS(on) and ID values for a given supply specified in the SN6501
data sheet:
VDS-max = RDS-max × IDmax
(6)
Then inserting Equation 6 into Equation 5 yields:
VP-min = VIN-min - RDS-max x IDmax
(7)
and inserting Equation 7 and Equation 4 into Equation 3 provides the minimum turns ration with:
(8)
Example:
For a 3.3 VIN to 5 VOUT converter using the rectifier diode MBR0520L and the 5 V LDO TPS76350, the data
sheet values taken for a load current of 100 mA and a maximum temperature of 85°C are VF-max = 0.2 V,
VDO-max = 0.2 V, and VO-max = 5.175 V.
Then assuming that the converter input voltage is taken from a 3.3 V controller supply with a maximum ±2%
accuracy makes VIN-min = 3.234 V. Finally the maximum values for drain-source resistance and drain current at
3.3 V are taken from the SN6501 data sheet with RDS-max = 3 Ω and ID-max = 150 mA.
Inserting the values above into Equation 8 yields a minimum turns ratio of:
(9)
Most commercially available transformers for 3-to-5 V push-pull converters offer turns ratios between 2.0 and 2.3
with a common tolerance of ±3%.
Recommended Transformers
Depending on the application, use the minimum configuration in Figure 51 or standard configuration in Figure 52.
Figure 51. Unregulated Output for Low-Current
Figure 52. Regulated Output for Stable Supplies
Loads with Wide Supply Range
and High Current Loads
The Wurth Electronics Midcom isolation transformers in Table 2 are optimized designs for the SN6501, providing
high efficiency and small form factor at low-cost.
The 1:1.1 and 1:1.7 turns-ratios are designed for logic applications with wide supply rails and low load currents.
These applications operate without LDO, thus achieving further cost-reduction.
18
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com