Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVT
Description  Transformer Driver for Isolated Power Supplies
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 7Page - Texas Instruments SN6501DBVT Datasheet HTML 8Page - Texas Instruments SN6501DBVT Datasheet HTML 9Page - Texas Instruments SN6501DBVT Datasheet HTML 10Page - Texas Instruments SN6501DBVT Datasheet HTML 11Page - Texas Instruments SN6501DBVT Datasheet HTML 12Page - Texas Instruments SN6501DBVT Datasheet HTML 13Page - Texas Instruments SN6501DBVT Datasheet HTML 14Page - Texas Instruments SN6501DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
0
50
100
150
200
I
, I
- mA
D1
D2
3
3.05
3.1
3.15
3.2
3.25
3.3
V
= 3.3 V
CC
I
, I
- mA
D1
D2
4.55
4.6
4.65
4.7
4.75
4.8
4.85
4.9
4.95
5
0
100
200
300
400
V
= 5 V
CC
-55
-35
-15
5
25
45
65
85
105
125
T - Free-Air Temperature - °C
A
0
50
100
150
200
250
300
350
V
= 5 V
CC
V
= 3.3 V
CC
-55
-35
-15
5
25
45
65
85
105
125
T - Free-Air Temperature - °C
A
320
340
360
380
400
420
440
460
V
= 5 V
CC
V
= 3.3 V
CC
SN6501
www.ti.com
SLLSEA0E – FEBRUARY 2012 – REVISED JANUARY 2013
TYPICAL OPERATING CHARACTERISTICS (continued)
Typical Curves in Figure 3 through Figure 8 are measured with Circuit in Figure 51 at TP1; whereas, Typical Curves in
Figure 9 through Figure 38 are measured with Circuit in Figure 52 at TP1 and TP2 (TA = 25°C unless otherwise noted).
See Table 2 and Table 3 for Transformer Specifications.
Figure 39. Average Supply Current vs Free-Air Temperature
Figure 40. D1, D2 Switching Frequency vs Free-Air
Temperature
Figure 41. D1, D2 Primary-side Output Switch Voltage
Figure 42. D1, D2 Primary-side Output Switch Voltage
Swing vs Current
Swing vs Current
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com