Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVT
Description  Transformer Driver for Isolated Power Supplies
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 6Page - Texas Instruments SN6501DBVT Datasheet HTML 7Page - Texas Instruments SN6501DBVT Datasheet HTML 8Page - Texas Instruments SN6501DBVT Datasheet HTML 9Page - Texas Instruments SN6501DBVT Datasheet HTML 10Page - Texas Instruments SN6501DBVT Datasheet HTML 11Page - Texas Instruments SN6501DBVT Datasheet HTML 12Page - Texas Instruments SN6501DBVT Datasheet HTML 13Page - Texas Instruments SN6501DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TP1
0
10
20
30
40
50
60
70
80
90
100
I
- mA
LOAD
0
TP2
T1 =
(Murata)
V
= 3.3 V, V
= 3.3 V
LDO = TPS76333
76253/55ENC
IN
OUT
10
20
30
40
50
60
70
80
90
TP1
0
10
20
30
40
50
60
70
80
90
100
I
- mA
LOAD
0
1
2
3
4
5
6
TP2
T1 =
(Murata)
V
= 3.3 V, V
= 3.3 V
LDO = TPS76333
76253/55ENC
IN
OUT
TP1
0
20
40
60
80
100
120
140
160
180
200
I
- mA
LOAD
0
TP2
T1 =
(Murata)
V
= 5 V, V
= 5 V
LDO = TPS73250
76253/55ENC
IN
OUT
10
20
30
40
50
60
70
80
90
TP1
0
20
40
60
80
100
120
140
160
180
200
I
- mA
LOAD
0
1
2
3
4
5
6
7
8
TP2
T1 =
(Murata)
V
= 5 V, V
= 5 V
LDO = TPS73250
IN
OUT
76253/55ENC
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
60
70
I
- mA
LOAD
TP1
TP2
T1 =
(Murata)
V
= 3.3 V, V
= 5 V
LDO = TPS76350
IN
OUT
78253/35MC
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
60
70
I
- mA
LOAD
TP1
TP2
T1 =
(Murata)
V
= 3.3 V, V
= 5 V
LDO = TPS76350
IN
OUT
78253/35MC
SN6501
SLLSEA0E – FEBRUARY 2012 – REVISED JANUARY 2013
www.ti.com
TYPICAL OPERATING CHARACTERISTICS (continued)
Typical Curves in Figure 3 through Figure 8 are measured with Circuit in Figure 51 at TP1; whereas, Typical Curves in
Figure 9 through Figure 38 are measured with Circuit in Figure 52 at TP1 and TP2 (TA = 25°C unless otherwise noted).
See Table 2 and Table 3 for Transformer Specifications.
Figure 33. Output Voltage vs Load Current
Figure 34. Efficiency vs Load Current
Figure 35. Output Voltage vs Load Current
Figure 36. Efficiency vs Load Current
Figure 37. Output Voltage vs Load Current
Figure 38. Efficiency vs Load Current
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com