Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVT
Description  Transformer Driver for Isolated Power Supplies
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVT Datasheet(HTML) 24 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 20Page - Texas Instruments SN6501DBVT Datasheet HTML 21Page - Texas Instruments SN6501DBVT Datasheet HTML 22Page - Texas Instruments SN6501DBVT Datasheet HTML 23Page - Texas Instruments SN6501DBVT Datasheet HTML 24Page - Texas Instruments SN6501DBVT Datasheet HTML 25Page - Texas Instruments SN6501DBVT Datasheet HTML 26Page - Texas Instruments SN6501DBVT Datasheet HTML 27Page - Texas Instruments SN6501DBVT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Vcc1
Vcc2
GND1
GND2
8
7
4
5
4
XOUT
XIN
5
6
2
MSP430
G2132
1
2
3
ISO7421
DVss
DVcc
0.1µF
0.1µF
6
P3.0
P3.1
11
12
10 µF
VS
0.1µF
MBR0520L
MBR0520L
1:1.5
0.1µF
3
1
D2
SN6501
D1
Vcc
4,5
2
GND
3.3 V
IN
EN
GND
OUT
1
5
2
3
TPS76333
10 µF
10 µF
INA
OUTA
INB
OUTB
0.1µF
15
VA
BASE
10
8
DBACK
DIN
16
DAC161P997
OUT
9
COMA
1
3
2
C2
13
C1
14
5
4
LOW
ERRLVL
3.3 VISO
ISO-BARRIER
0.1µF
0.1µF
20 W
VD
COMD
C3
12
3 x 2.2 nF
0.1µF 1µF
LOOP+
LOOP-
20 W
Vcc1
Vcc2
GND1
GND2
8
7
4
5
4
XOUT
XIN
5
6
2
MSP430
G2132
1
2
3
ISO1541
DVss
DVcc
0.1µF
0.1µF
0.1µF
6
SDA
SCL
9
8
10 µF
VS
0.1µF
MBR0520L
MBR0520L
1:2.2
0.1µF
3
1
D2
SN6501
D1
Vcc
4,5
2
GND
3.3 V
IN
ON
GND
OUT
1
5
2
3
LP2981-50
10 µF
10 µF
SDA2
SDA1
SCL1
SCL2
1.5 k
1.5 k
1.5 k
1.5 k
0.1µF
8
VDD
GND
AIN0
2
1
9
10
SDA
SCL
4
ADDR
ADS1115
AIN3
RDY
3
4 Analog
Inputs
7
VIN
GND
VOUT
2
6
4
REF5040
1µF
22 µ
F
0.1µF
4
VDD
VOUTA
11
10
SDA
SCL
1
DAC8574
VOUTD
8
GND
6
12
3
VREFH
A2
15
IOVDD
VREFL
5
4 Analog
Outputs
A3
16
A0
13
9
14
LDAC
A1
5 VISO
5 VISO
5 VISO
5 VISO
ISO-BARRIER
1W
SN6501
SLLSEA0E – FEBRUARY 2012 – REVISED JANUARY 2013
www.ti.com
Figure 62. Isolated I2C Interface for an Analog Data Acquisition System with 4 Inputs and 4 Outputs
Figure 63. Isolated 4-20mA Current Loop
24
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com