Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVT Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVT
Description  Transformer Driver for Isolated Power Supplies
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVT Datasheet(HTML) 23 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 19Page - Texas Instruments SN6501DBVT Datasheet HTML 20Page - Texas Instruments SN6501DBVT Datasheet HTML 21Page - Texas Instruments SN6501DBVT Datasheet HTML 22Page - Texas Instruments SN6501DBVT Datasheet HTML 23Page - Texas Instruments SN6501DBVT Datasheet HTML 24Page - Texas Instruments SN6501DBVT Datasheet HTML 25Page - Texas Instruments SN6501DBVT Datasheet HTML 26Page - Texas Instruments SN6501DBVT Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
VCC1
VCC2
GND1
GND2
OUTA
16
14
13
2,8
9,15
4
XOUT
XIN
5
6
2
MSP430
G2132
(14-PW)
INA
OUTD
1
3
4
5
6
ISO7641
DVss
DVcc
0.1µF
0.1µF
0.1µF
EN1
EN2
7
10
INB
12
11
OUTB
OUTC
IND
0.1µF
INC
SDI
P1.4
SCLK
SDO
9
6
7
8
4.7 k
4.7 k
28
VBD
AGND
CH0
1,22
CS
26
23
24
25
SCLK
SDI
20
SDO
ADS7953
CH15
5
BDGND
27
32
VA
31
REFP
2
MXO
3
AINP
REFM
30
VIN
GND
VOUT
2
6
4
REF5025
1µF
10µF
VS
0.1µF
MBR0520L
MBR0520L
1:1.5
0.1µF
3
1
D2
SN6501
D1
Vcc
4,5
2
GND
3.3V
IN
EN
GND
OUT
4
1
2
3
TLV70733
10µF
3.3 VISO
10µF
22 µ
F
16 Analog
Inputs
ISO-BARRIER
Vcc1
Vcc2
GND1
GND2
OUTA
16
14
13
2,8
9,15
P3.1
P3.0
UCB0CLK
UCB0SOMI
12
11
14
13
4
XOUT
XIN
5
6
2
MSP430
F2132
INA
OUTD
1
3
4
5
6
ISO7242
DVss
DVcc
0.1µF
0.1µF
0.1µF
EN1
EN2
7
10
INB
12
11
OUTB
INC
IND
15
0.1µF
OUTC
10 V..34 V
0 V
HV Supply bus
Vcc
GND
DB1
28
LD
16
26
25
23
SIP
DB0
27
CLK
SOP
RLIM
NC
CE
2
13
1
14
24
IP4
IP3
IP5
IP6
11
18
9
20
22
12
17
19
21
10
HOT
4
6
8
RE0
RE1
IP0
IP1
IP2
3
5
7
RE2
RE3
RE4
RE5
RE6
RE7
IP7
44.8 k
10µF
VIN
0.1µF
MBR0520L
MBR0520L
1:2.2
0.1µF
3
1
D2
SN6501
D1
Vcc
4,5
2
GND
3.3 V
1
5
4
3
3.3µF
10 µF
5 VISO
IN
ON
GND
OUT
LP2985-50
BP
2
10 nF
SN6501
www.ti.com
SLLSEA0E – FEBRUARY 2012 – REVISED JANUARY 2013
Figure 60. Isolated Digital Input Module
Figure 61. Isolated SPI Interface for an Analog Input Module with 16 Inputs
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com